Electronic Components Datasheet Search
  English  ▼

X  

SM840021 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SM840021
Description  125MHz Ultra-Low Jitter Clock Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840021 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SM840021 Datasheet HTML 2Page - Micrel Semiconductor SM840021 Datasheet HTML 3Page - Micrel Semiconductor SM840021 Datasheet HTML 4Page - Micrel Semiconductor SM840021 Datasheet HTML 5Page - Micrel Semiconductor SM840021 Datasheet HTML 6Page - Micrel Semiconductor SM840021 Datasheet HTML 7Page - Micrel Semiconductor SM840021 Datasheet HTML 8Page - Micrel Semiconductor SM840021 Datasheet HTML 9Page - Micrel Semiconductor SM840021 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
SM840021
March 2010
9
M9999-031810-B
hbwhelp@micrel.com or (408) 955-1690
Total capacitance seen by crystal = CL =
1
1
+
1
(Ct1 + Cb1 + Cd1)
(Ct2 + Cb2 + Cd2)
Example:
CL = 18pF, Cb = 2pF, Cd = 4pF
Trim Cap = Ct = 2 (18pF) - (2pF +4pF) = 30pF
The SM840021 has been characterized with 25MHz,
18pF parallel resonant crystal. The trim capacitors Ct1
and Ct2 were optimized to minimize the ppm error.
To minimize the board capacitance, a short trace from
pin to crystal footprint without vias is desirable. It is
preferable to have ground shielding or distance between
the crystal traces and noisy signals on the board.
Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com