Electronic Components Datasheet Search
  English  ▼

X  

SM840021 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SM840021
Description  125MHz Ultra-Low Jitter Clock Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840021 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM840021 Datasheet HTML 1Page - Micrel Semiconductor SM840021 Datasheet HTML 2Page - Micrel Semiconductor SM840021 Datasheet HTML 3Page - Micrel Semiconductor SM840021 Datasheet HTML 4Page - Micrel Semiconductor SM840021 Datasheet HTML 5Page - Micrel Semiconductor SM840021 Datasheet HTML 6Page - Micrel Semiconductor SM840021 Datasheet HTML 7Page - Micrel Semiconductor SM840021 Datasheet HTML 8Page - Micrel Semiconductor SM840021 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
SM840021
March 2010
2
M9999-031810-B
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating Range
Package Marking
Lead
Finish
SM840021KA
K-8
-40°C to +75°C
840021
NiPdAu
SM840021KA TR
(2)
K-8
-40°C to +75°C
840021
NiPdAu
Note:
1. Devices are Green, RoHS-compliant and PFOS-compliant.
2. Tape and Reel
Pin Configuration
8-Pin TSSOP (K-8)
Pin Description
Pin Number
Pin Name
Type
Level
Pin Function
1
VDDA
P
Analog Power.
2
OE
I
Pull-up
Output Enable: 1 = Enable, 0 = Disable.
3
XTAL OUT
O
Crystal Output.
4
XTAL IN
I
Crystal Input.
5
NC
No Connect.
6
GND
P
Ground.
7
Q0
O
Single Ended LVCMOS Clock Out.
8
VDD
P
Core Power.
Output Enable
OE
Output
0
Disable
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com