Electronic Components Datasheet Search
  English  ▼

X  

SY56017R Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY56017R
Description  Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56017R Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY56017R Datasheet HTML 2Page - Micrel Semiconductor SY56017R Datasheet HTML 3Page - Micrel Semiconductor SY56017R Datasheet HTML 4Page - Micrel Semiconductor SY56017R Datasheet HTML 5Page - Micrel Semiconductor SY56017R Datasheet HTML 6Page - Micrel Semiconductor SY56017R Datasheet HTML 7Page - Micrel Semiconductor SY56017R Datasheet HTML 8Page - Micrel Semiconductor SY56017R Datasheet HTML 9Page - Micrel Semiconductor SY56017R Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
SY56017R
July 2008
6
M9999-070308-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCCO = 1.14V to 1.26V RL = 50
Ω to V
CCO,
VCCO = 1.7V to 1.9V, 2.375V to 2.625V, RL = 50
Ω to V
CCO or 100
Ω across the outputs,
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Frequency
NRZ Data
6.4
Gbps
VOUT > 200mV
Clock
4.5
GHz
tPD
Propagation Delay
IN-to-Q
SEL-to-Q
Note 7, Figure 1
100
180
280
ps
Figure 1
90
210
350
ps
tSkew
Input-to-Input Skew
Note 8
20
ps
Part-to-Part Skew
Note 9
100
ps
tJitter
Random Jitter
Note 10
1
psRMS
Crosstalk Induced Jitter
(Adjacent Channel)
Note 11
0.7
psPP
tR tF
Output Rise/Fall Time
(20% to 80%)
At full output swing.
20
50
80
ps
Notes:
7.
Propagation delay is measured with no attenuating transmission line connected to the input.
8.
Input-to-Input skew is the difference in time between both inputs and the output for the same temperature, voltage and transition.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the
respective inputs.
10. Random jitter is measured with a K28.7 pattern, measured at
≤ f
MAX.
11. Crosstalk induced jitter is defined as the added jitter that results from signals applied to the adjacent channel. It is measured at the output while
applying a similar, differential clock frequencies that are asynchronous with respect to each other at the adjacent input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com