Electronic Components Datasheet Search
  English  ▼

X  

SY56017R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY56017R
Description  Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56017R Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY56017R Datasheet HTML 1Page - Micrel Semiconductor SY56017R Datasheet HTML 2Page - Micrel Semiconductor SY56017R Datasheet HTML 3Page - Micrel Semiconductor SY56017R Datasheet HTML 4Page - Micrel Semiconductor SY56017R Datasheet HTML 5Page - Micrel Semiconductor SY56017R Datasheet HTML 6Page - Micrel Semiconductor SY56017R Datasheet HTML 7Page - Micrel Semiconductor SY56017R Datasheet HTML 8Page - Micrel Semiconductor SY56017R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SY56017R
July 2008
3
M9999-070308-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
16,1
4,5
IN0, /IN0
IN1, /IN1
Differential Inputs: Signals as small as 200mV VPK (400mVPP) applied to the input of 9, 18
or 27 inches 6 mil FR4 stripline transmission line are then terminated with the differential
input . Each input pin internally terminates with 50
Ω to the VT pin.
2
3
VT0
VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT
pin. This pin provides a center-tap to a termination network for maximum interface
flexibility. An internal high impedance resistor divider biases VT to allow input AC-
coupling. For AC-coupling, bypass VT with 0.1µF low ESR capacitor to VCC. See
“Interface Applications” subsection and Figure 2a.
6
EQ
Three level input for equalization control. High, float, low. EQ pin applies the same EQ
setting to both inputs.
15
SEL
This single-ended TTL/CMOS-compatible input selects the inputs to the multiplexer. Note
that this input is internally connected to a 25k
Ω pull-up resistor and will default to a logic
HIGH state if left open.
7
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to the VCC
pins as possible. Supplies input and core circuitry.
8,13
VCCO
Output Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to the VCCO pins
as possible. Supplies the output buffers.
14
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same potential as
the ground pins.
11,10
Q, /Q
CML Differential Output Pair: Differential buffered copy of the input signal. The output
swing is typically 390mV. See “Interface Applications” subsection for termination
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com