Electronic Components Datasheet Search
  English  ▼

X  

LT3083MPFE Datasheet(PDF) 17 Page - Linear Technology

Part # LT3083MPFE
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3083MPFE Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3083MPFE Datasheet HTML 13Page - Linear Technology LT3083MPFE Datasheet HTML 14Page - Linear Technology LT3083MPFE Datasheet HTML 15Page - Linear Technology LT3083MPFE Datasheet HTML 16Page - Linear Technology LT3083MPFE Datasheet HTML 17Page - Linear Technology LT3083MPFE Datasheet HTML 18Page - Linear Technology LT3083MPFE Datasheet HTML 19Page - Linear Technology LT3083MPFE Datasheet HTML 20Page - Linear Technology LT3083MPFE Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3083
17
3083f
APPLICATIONS INFORMATION
The power in the drive circuit equals:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
where ICONTROL is equal to IOUT/60. ICONTROL is a function
of output current. A curve of ICONTROL vs IOUT can be found
in the Typical Performance Characteristics curves.
The total power equals:
PTOTAL = PDRIVE + POUTPUT
The current delivered to the SET pin is negligible and can
be ignored.
VCONTROL(MAX_CONTINUOUS) = 3.630V (3.3V + 10%)
VIN(MAX_CONTINUOUS) = 1.575V (1.5V + 5%)
VOUT = 0.9V, IOUT = 3A, TA = 50°C
Power dissipation under these conditions is equal to:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
ICONTROL =
IOUT
60
=
3A
60
= 50mA
PDRIVE = (3.630V – 0.9V)(50mA) = 137mW
POUTPUT = (VIN – VOUT)(IOUT)
POUTPUT = (1.575V – 0.9V)(3A) = 2.03W
Total Power Dissipation = 2.16W
Junction Temperature will be equal to:
TJ = TA + PTOTAL • θJA (using tables)
TJ = 50°C + 2.16W • 16°C/W = 84.6°C
In this case, the junction temperature is below the maxi-
mum rating, ensuring reliable operation.
Reducing Power Dissipation
In some applications it may be necessary to reduce the
power dissipation in the LT3083 package without sacrific-
ing output current capability. Two techniques are available.
The first technique, illustrated in Figure 7, employs a
resistor in series with the regulator’s input. The voltage
drop across RS decreases the LT3083’s input-to-output
differential voltage and correspondingly decreases the
LT3083’s power dissipation.
As an example, assume: VIN = VCONTROL = 5V, VOUT = 3.3V
and IOUT(MAX) = 2A. Use the formulas from the Calculating
Junction Temperature section previously discussed.
Without series resistor RS, power dissipation in the LT3083
equals:
PTOTAL = 5V − 3.3V
() •
2A
60
⎛
⎝
⎜
⎞
⎠
⎟ + 5V − 3.3V
() •2A
= 3.46W
If the voltage differential (VDIFF) across the NPN pass
transistor is chosen as 0.5V, then RS equals:
RS =
5V − 3.3V − 0.5V
2A
= 0.6Ω
Power dissipation in the LT3083 now equals:
PTOTAL = 5V − 3.3V
() •
2A
60
⎛
⎝
⎜
⎞
⎠
⎟ + 0.5V • 2A = 1.06W
The LT3083’s power dissipation is now only 30% compared
to no series resistor. RS dissipates 2.4W of power. Choose
appropriate wattage resistors or use multiple resistors in
parallel to handle and dissipate the power properly.
Figure 7. Reducing Power Dissipation Using a Series Resistor
+
–
LT3083
IN
VCONTROL
OUT
VOUT
VIN
VIN
C2
3083 F07
SET
RSET
RS
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com