Electronic Components Datasheet Search
  English  ▼

X  

LT3083MPFE Datasheet(PDF) 20 Page - Linear Technology

Part # LT3083MPFE
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3083MPFE Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3083MPFE Datasheet HTML 16Page - Linear Technology LT3083MPFE Datasheet HTML 17Page - Linear Technology LT3083MPFE Datasheet HTML 18Page - Linear Technology LT3083MPFE Datasheet HTML 19Page - Linear Technology LT3083MPFE Datasheet HTML 20Page - Linear Technology LT3083MPFE Datasheet HTML 21Page - Linear Technology LT3083MPFE Datasheet HTML 22Page - Linear Technology LT3083MPFE Datasheet HTML 23Page - Linear Technology LT3083MPFE Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT3083
20
3083f
Adding Soft-Start
Coincident Tracking
Lab Supply
TYPICAL APPLICATIONS
+
–
LT3083
IN
VCONTROL
OUT
10μF
VOUT3
5V
SET
C3
10μF
+
–
LT3083
IN
VCONTROL
OUT
VOUT2
3.3V
3083 TA06
SET
R2
16.2k
34k
C2
10μF
C1
10μF
+
–
LT3083
IN
VCONTROL
VIN
7V TO 20V
OUT
SET
R1
49.9k
VOUT1
2.5V
+
–
LT3083
IN
VIN
4.8V to 20V
VCONTROL
OUT
VOUT
3.3V
3A
COUT
10μF
3083 TA07
SET
R1
66.5k
C2
0.01μF
C1
10μF
D1
1N4148
+
–
LT3083
+
–
LT3083
IN
IN
VIN
12V TO 18V
VCONTROL
VCONTROL
OUT
OUT
10μF
100μF
VOUT
0V TO 10V
3083 TA08
SET
SET
+
15μF
R4
200k
0.33Ω
20k
0A TO 3A
+
15μF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com