Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1101
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1101 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1101 Datasheet HTML 1Page - Diodes Incorporated ZXLD1101 Datasheet HTML 2Page - Diodes Incorporated ZXLD1101 Datasheet HTML 3Page - Diodes Incorporated ZXLD1101 Datasheet HTML 4Page - Diodes Incorporated ZXLD1101 Datasheet HTML 5Page - Diodes Incorporated ZXLD1101 Datasheet HTML 6Page - Diodes Incorporated ZXLD1101 Datasheet HTML 7Page - Diodes Incorporated ZXLD1101 Datasheet HTML 8Page - Diodes Incorporated ZXLD1101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZXLD1101 is a PFM inductive boost converter
designed for driving 2, 3 or 4 series connected white
LEDs from a Li-Ion cell and up to 8 LEDs from a 5V
supply. The device operates from an input supply of
between 2.5V and 5.5V and provides an adjustable
output current of up to 50mA.
The ZXLD1101 includes the output switch and peak
current sense resistor, and can operate with a
maximum output voltage of 28V.
Quiescent current is typically 60 A and a shutdown
function is provided to reduce this current to less than
500nA in the 'off' state.
ADVANCED FEATURES
• True Analog Dimming via PWM
FEATURES
• 1mm height profile TSOT23-5 pin package
• Internal PWM filter for flicker free output
• High efficiency (80% typ)
• Wide input voltage range: 2.5V to 5.5V
• Up to 50mA output current
• Low quiescent current: (60 A typ)
• 500nA maximum shutdown current
• Up to 1MHz switching frequency
• Low external component count
• Inherently matched LED currents
Output current can be adjusted by applying a PWM
control signal to the 'Enable' pin. Depending upon the
control frequency, this will provide either a continuous
or a 'chopped' output current. The PWM filter
components are contained within the chip.
The device is assembled in the TSOT23-5 pin package
with 1mm maximum height profile.
APPLICATIONS
• Mobile phones
• Digital cameras
• PDAs
• LCD modules
• Portable internet appliances
• Palmtop computers
ZXLD1101
ISSUE 4 - JULY 2004
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
PIN CONNECTIONS
TYPICAL APPLICATION CIRCUIT


Similar Part No. - ZXLD1101

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101ET5 ZETEX-ZXLD1101ET5 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101ET5TA ZETEX-ZXLD1101ET5TA Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
More results

Similar Description - ZXLD1101

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1100 ZETEX-ZXLD1100 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1100 DIODES-ZXLD1100 Datasheet
241Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
JULY 2004
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
JULY 2004
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com