Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1101 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXLD1101
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1101 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1101 Datasheet HTML 8Page - Diodes Incorporated ZXLD1101 Datasheet HTML 9Page - Diodes Incorporated ZXLD1101 Datasheet HTML 10Page - Diodes Incorporated ZXLD1101 Datasheet HTML 11Page - Diodes Incorporated ZXLD1101 Datasheet HTML 12Page - Diodes Incorporated ZXLD1101 Datasheet HTML 13Page - Diodes Incorporated ZXLD1101 Datasheet HTML 14Page - Diodes Incorporated ZXLD1101 Datasheet HTML 15Page - Diodes Incorporated ZXLD1101 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6 LED Driver for LCD Backlight
ZXLD1101
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
15
Circuit Diagram
Performance Graphs
Ref
Value
Package
Part Number
Manufacturer
Notes
U1
TSOT23-5
ZXLD1101ET5
Zetex
LED Driver IC
D1
400mA
SOD323
ZHCS400
Zetex
400mA Schottky Diode
L1
10 H
CMD4D11-100MC
Sumida
1mm Height Profile
R1
6.8
0603
Generic
Generic
R2
1
100k
0603
Generic
Generic
C1
1 F
0603
Generic
Generic
C2
1 F
0603
Generic
Generic
LEDs
NSCW215
Nichia
6pcs per board
Bill of materials
Note: R2 is optional. If EN is floating add R2 to shutdown the ZXLD1101 and LEDs. If EN pin can be driven low, R2 is not necessary.
Note: LED current is set to 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com