Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1360 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXLD1360
Description  d30V 1A LED DRIVER with AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1360 Datasheet HTML 11Page - Diodes Incorporated ZXLD1360 Datasheet HTML 12Page - Diodes Incorporated ZXLD1360 Datasheet HTML 13Page - Diodes Incorporated ZXLD1360 Datasheet HTML 14Page - Diodes Incorporated ZXLD1360 Datasheet HTML 15Page - Diodes Incorporated ZXLD1360 Datasheet HTML 16Page - Diodes Incorporated ZXLD1360 Datasheet HTML 17Page - Diodes Incorporated ZXLD1360 Datasheet HTML 18Page - Diodes Incorporated ZXLD1360 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ZXLD1360
ZXLD1360
Document number: DS33471 Rev. 3 - 2
15 of 25
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Shutdown Mode
Taking the ADJ pin to a voltage below 0.2V for more than approximately 100µs will turn off the output and supply current to a
low standby level of 20µA nominal.
Note that the ADJ pin is not a logic input. Taking the ADJ pin to a voltage above VREF will increase output current above the
100% nominal average value. (See graphs for details).
Soft-start
The device has inbuilt soft-start action due to the delay through the PWM filter. An external capacitor from the ADJ pin to
ground will provide additional soft-start delay, by increasing the time taken for the voltage on this pin to rise to the turn-on
threshold and by slowing down the rate of rise of the control voltage at the input of the comparator. With no external
capacitor, the time taken for the output to reach 90% of its final value is approximately 500
μs. Adding capacitance increases
this delay by approximately 0.5ms/nF. The graph below shows the variation of soft-start time for different values of capacitor.
Actual operating waveforms [VIN=15V, RS=0.1V, L=33µH, 0nF on ADJ]
Soft-start operation. Output current (Ch2) and LX voltage (Ch1)
The trace above shows the typical soft startup time (TSS) of 500mSec with no additional capacitance added to the ADJ pin.
d
n
u
o
r
G
o
t
n
i
p
J
D
A
m
o
r
f
e
c
n
a
t
i
c
a
p
a
C
s
v
e
m
i
T
t
r
a
t
S
t
f
o
S
0
2
4
6
8
0
1
5
2
0
2
5
1
0
1
5
0
)
F
n
(
e
c
n
a
t
i
c
a
p
a
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com