Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1360 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1360
Description  d30V 1A LED DRIVER with AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1360 Datasheet HTML 1Page - Diodes Incorporated ZXLD1360 Datasheet HTML 2Page - Diodes Incorporated ZXLD1360 Datasheet HTML 3Page - Diodes Incorporated ZXLD1360 Datasheet HTML 4Page - Diodes Incorporated ZXLD1360 Datasheet HTML 5Page - Diodes Incorporated ZXLD1360 Datasheet HTML 6Page - Diodes Incorporated ZXLD1360 Datasheet HTML 7Page - Diodes Incorporated ZXLD1360 Datasheet HTML 8Page - Diodes Incorporated ZXLD1360 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ZXLD1360
ZXLD1360
Document number: DS33471 Rev. 3 - 2
3 of 25
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to +30
(40V for 0.5 sec)
V
VSENSE
ISENSE Voltage
+0.3 to -5
(measured with respect to VIN)
V
VLX
LX Output Voltage
-0.3 to +30
(40V for 0.5 sec)
V
VADJ
Adjust Pin Input Voltage
-0.3 to +6
V
ILX
Switch Output Current
1.25
A
PTOT
Power Dissipation
(Refer to Package thermal de-rating curve on page 20)
1
W
TST
Storage Temperature
-55 to 150
°C
TJ MAX
Junction Temperature
150
°C
These are stress ratings only. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
ESD Susceptibility
Rating
Unit
Human Body Model
500
V
Machine Model
<100
V
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.
The human body model is a 100pF capacitor discharge through a 1.5k
Ω resistor pin. The machine model is a 200pF capacitor discharged directly into each pin
Thermal Resistance
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
82
°C/W
ΨJB
Junction to Board
33
°C/W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input Voltage Range
7
30
V
tOFFMIN
Minimum switch off-time
800
ns
tONMIN
Minimum switch on-time
800
ns
TONmin_REC
Recommended minimum switch “ON” time
800
ns
fLX max
Recommended maximum operating frequency
625
‡
kHz
DLX
Duty cycle range
0.01
0.99
TOP
Operating Temperature range
-40
125
°C
‡ ZXLD1360 will operate at higher frequencies but due to propagation delays accuracy will be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com