Electronic Components Datasheet Search
  English  ▼

X  

LC7267 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC7267
Description  Digital Display of Clock/Receiving Frequency for Radio Set Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7267 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7267 Datasheet HTML 2Page - Sanyo Semicon Device LC7267 Datasheet HTML 3Page - Sanyo Semicon Device LC7267 Datasheet HTML 4Page - Sanyo Semicon Device LC7267 Datasheet HTML 5Page - Sanyo Semicon Device LC7267 Datasheet HTML 6Page - Sanyo Semicon Device LC7267 Datasheet HTML 7Page - Sanyo Semicon Device LC7267 Datasheet HTML 8Page - Sanyo Semicon Device LC7267 Datasheet HTML 9Page - Sanyo Semicon Device LC7267 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For FMI input: 18 MHz,
0.7 Vp-p FM/AM = ‘‘H’’
For AMI input: 3 MHz,
0.5 Vp-p FM/AM = ‘‘L’’
Common conditions
12H/24H, CTR/CLK, INHI, DEMAND = V
DD
FIF1, FIF2, FIF3 = VDD
AIF1, AIF2 = VDD For FMI input
For AMI input
Supply voltage, VDD –V
For FMI input: 18 MHz,
0.7 Vp-p FM/AM = ‘‘H’’
For AMI input: 3 MHz,
0.5 Vp-p FM/AM = ‘‘L’’
IDD –Ta
Common conditions
FIF1, FIF2, FIF3 = V
DD
AIF1, AIF2 = V
DD
12H/24H, CTR/CLK, INHI, DEMAND = V
DD
For FMI input
For AMI input
Ambient temperature, Ta – °C
IDD –VDD
FMI input frequency, fI1 –Hz
AMI input frequency, fI2 –Hz
Vp-p – fI1
Vp-p – fI2
FM/AM = V
DD
Upper standard value
V
DD = 15 V or more
FMI input frequency, fI1 –Hz
Upper standard value
Lower standard value
AMI Input Frequency, fI2 –Hz
VDD –fI1
VDD –fI2
Supply voltage, VDD –V
High-level
threshold voltage
Upper standard
value
Lower standard value
Low-level threshold voltage
Supply Voltage, VDD–V
Vt–VDD
Vt–VDD
LC7267
No. 1511- 9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com