Electronic Components Datasheet Search
  English  ▼

X  

LC7267 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC7267
Description  Digital Display of Clock/Receiving Frequency for Radio Set Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7267 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC7267 Datasheet HTML 2Page - Sanyo Semicon Device LC7267 Datasheet HTML 3Page - Sanyo Semicon Device LC7267 Datasheet HTML 4Page - Sanyo Semicon Device LC7267 Datasheet HTML 5Page - Sanyo Semicon Device LC7267 Datasheet HTML 6Page - Sanyo Semicon Device LC7267 Datasheet HTML 7Page - Sanyo Semicon Device LC7267 Datasheet HTML 8Page - Sanyo Semicon Device LC7267 Datasheet HTML 9Page - Sanyo Semicon Device LC7267 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like,
the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation
and all damages, cost and expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or
implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of June, 1998. Specifications and information herein are subject to change without notice.
Segment outputs other than PM, 5b&e
This data is in case of flowing current to one
segment only.
Output voltage, VOL –V
Segment outputs
(I
OL = 15 mA) other than PM, 5b&e
Segment
output
(I
OL =30mA)
of 5b&e
Segment output
(I
OL = 45 mA) of PM
Supply voltage , VDD –V
IOL –VOL
ROUT –VDD
LC7267
PS No. 1511- 10/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com