Electronic Components Datasheet Search
  English  ▼

X  

LTC5507 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5507
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology LTC5507 Datasheet HTML 9Page - Linear Technology LTC5507 Datasheet HTML 10Page - Linear Technology LTC5507 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC5564
7
5564f
PIN FUNCTIONS
RFIN (Pin 1): RF Input Voltage. A coupling capacitor must
be used to connect to the RF signal source. This pin has
an internal 250Ω termination, an internal Schottky diode
detector and an internal 8pF reservoir capacitor.
NC (Pins 2, 9, 16): No Connect. These pins should be left
unconnected by the user for best RF performance.
GND (Pins 3, 4, Exposed Pad Pin 17): These pins should
be tied to system ground. See Applications Information
for best practices.
LEN (Pin 5): Comparator Latch Enable Input. VCOMP will be
latched when LEN is high and transparent when LEN is low.
VOUTADJ (Pin 6): Amplifier Output Offset Adjust. When left
floating, the VOUT pin of the amplifier will be at its nominal
quiescent output offset value. See the Applications Infor-
mation section for adjustment range.
G0, G1 (Pins 7, 8): Amplifier Gain Selection. Logic low or
high levels on the G0 and G1 pins will change the internal
amplifier gain, bandwidth and slew rate characteristics. See
the Applications Information section for gain setting codes.
VOUT (Pin 10): Detector Amplifier Output.
VCCP (Pin 11): High Current Power Supply Pin.
VCCA (Pin 12): Analog Power Supply Pin.
VCOMP (Pin 13): Comparator Output.
VREF (Pin 14): Comparator Negative Input. Apply an ex-
ternal reference voltage to this pin.
VCCRF (Pin 15): RF Power Supply Pin.
Figure 1. Simplified Block Diagram
SIMPLIFIED BLOCK DIAGRAM
RFIN
VCCRF
VCCA
VCCP
8pF
250Ω
1.2k
1.6k
1.7k
200Ω
200Ω
80μA
VOUTADJ
VBIAS
LEN
VCOMP
VREF
VOUT
VP
+
–
+
–
G1
PINS 3, 4,
EXPOSED PAD PIN 17
G0
5564 F01
PROGRAMMABLE
FEEDBACK ARRAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com