Electronic Components Datasheet Search
  English  ▼

X  

LTC5507 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5507
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 3 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology LTC5507 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC5564
3
5564f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5564 is guaranteed functional within the operating
temperature range from –40°C to 85°C.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Supply voltage = VCCRF = VCCA = VCCP = 5V, GAIN1, CLOAD = 10pF,
no RF input signal, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT Slew Rate Rise/Fall
Supply Voltage = 5V, VOUT 10% to 90%, ΔVOUT = 1.1V (Note 3)
GAIN1, Pin = 10dBm to 16dBm
GAIN2, Pin = 4dBm
GAIN4, Pin = –2dBm
GAIN8, Pin = –8dBm
350/70
185/70
120/70
50/50
V/μs
V/μs
V/μs
V/μs
Supply Voltage = 3.3V, VOUT 10% to 90%, ΔVOUT = 1.1V (Note 3)
GAIN1, Pin = 10dBm to 16dBm
GAIN2, Pin = 4dBm
GAIN4, Pin = –2dBm
GAIN8, Pin = –8dBm
325/70
185/70
120/70
50/50
V/μs
V/μs
V/μs
V/μs
Demodulation Bandwidth
(Notes 4, 5)
GAIN1, VOUT = 500mV
GAIN2, VOUT = 500mV
GAIN4, VOUT = 500mV
GAIN8, VOUT = 500mV
75
52
35
15
MHz
MHz
MHz
MHz
VOUTADJ Input Range
GAIN1 ΔVOUT = ±100mV (Note 5)
0/225
mV
VOUT Load Capacitance
(Note 5)
10
pF
VOUT Output Current
Sourcing, RL = 2k
1.7
mA
VOUT Response Time
Supply Voltage = 5V, RFIN Step to 50% VOUT (Note 3)
GAIN1, Pin = 10dBm to 16dBm
GAIN2, Pin = 4dBm
GAIN4, Pin = –2dBm
GAIN8, Pin = –8dBm
7.0
9.0
11.0
14.0
ns
ns
ns
ns
Supply Voltage = 3.3V, RFIN Step to 50% VOUT (Note 3)
GAIN1, Pin = 10dBm to 16dBm
GAIN2, Pin = 4dBm
GAIN4, Pin = –2dBm
GAIN8, Pin = –8dBm
7.1
9.0
11.0
14.0
ns
ns
ns
ns
VOUT Output Voltage Swing
Supply Voltage = 3V
1.4
V
Comparator Characteristics
Comparator Response Time
10dBm to 16dBm RFIN Step to VCOMP 50% (Note 3)
9
ns
Comparator Hysteresis
10
mV
IVREF Input Current
–2.3
μA
RF Characteristics
RFIN Frequency Range
(Note 6)
0.6 to 15
GHz
RFIN AC Input Resistance
Frequency = 1000MHz, Power Level = 0dBm
135
Ω
RFIN Input Shunt Capacitance
Frequency = 1000MHz, Power Level = 0dBm
0.77
pF
RFIN Input Power Range
(Note 6)
–24 to 16
dBm
Digital I/O
LEN VIL/VIH
0.8
VCCA – 0.8
V
G0 VIL/VIH
0.8
VCCA – 0.8
V
G1 VIL/VIH
0.8
VCCA – 0.8
V
Note 3: RFIN step from no power to stated level.
Note 4: See typical curve for bandwidth vs output voltage.
Note 5: See Applications Information section.
Note 6: Specification is guaranteed by design and not 100% tested in
production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com