Electronic Components Datasheet Search
  English  ▼

X  

ZXSC100X8 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXSC100X8
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100X8 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXSC100X8 Datasheet HTML 8Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 9Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 10Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 11Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 12Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 13Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 14Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 15Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
12
Input capacitors
The input capacitor is chosen for its voltage and RMS
current rating. The use of low ESR electrolytic or
tantalum capacitors is recommended. Capacitor
values for optimum performance are suggested in the
reference design section.
Also note that the ESR of the input capacitor is
effectively in series with the input and hence
contributes to efficiency losses in the order of IRMS
2 x
ESR.
Output voltage adjustment
The ZXSC100 is an adjustable converter allowing the
end user the maximum flexibility in output voltage
selection. For adjustable operation a potential divider
network is connected as indicated in the diagram.
The output voltage is determined by the equation:
VOUT= VFB (1 + RA / RB),
where VFB=730mV
The resistor values, RA and RB, should be maximised
to improve efficiency and decrease battery drain.
Optimisation can be achieved by providing a
minimum current of IFB(MAX)=200nA to the VBATT pin.
The output is adjustable from VFB to the (BR)VCEO of
the switching transistor, Q1.
Note: For the reference designs, RA is assigned the
label R3 and RB the label R4.
External transistor base drive selection
Optimisation of the external switching transistor base
drive may be necessary for improved efficiency in low
power applications. This can be achieved by
introducing an external resistor between the supply
and the RE pin of the ZXSC300. The resistor value can
be determined by:
R
V
I
1
DREF
B
=
RB
RA
VOUT
VFB
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com