Electronic Components Datasheet Search
  English  ▼

X  

ZXSC100X8 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXSC100X8
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100X8 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXSC100X8 Datasheet HTML 9Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 10Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 11Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 12Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 13Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 14Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 15Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 16Page - Diodes Incorporated ZXSC100X8 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
14
Designing with the ZXSC100
Introduction
This section refers to the ZXSC100, 3.3V/100mA
output reference design and demonstrates the
dynamic performance of the solution.
Figure 1.
ZXSC100 low power solution, 3.3V/100mA output.
Efficiency
Efficiency is often quoted as one of the key parameters
of a DC-DC converter. Not only does it give an
instantaneous idea of heat dissipation, but also an
idea as to the extent battery life can be extended.
Figure 2. Shows the efficiency of the ZXSC100 low
power solution. Efficiency v Output current is shown
for a 3.3V output at various input voltages.
Main switching waveforms
Steady state operation under constant load gives an
excellent indication of ZXSC100 performance.
Represented in Figure 3. is the main switching
waveform, measured at the collector of Q1, indicating
the transistor on-state and the diode energy transfer to
the output.
Figure 3.
Switching waveform
The peak switching current is derived from the
threshold of the ISENSE pin and the sense resistor value
(see Applications section for calculations). Figure 4.
shows the switching waveform associated with the
ISENSE pin
Q1
FMMT617
R2
0.033R
R1
0R
L1
22µH
D1
ZHCS1000
R3
110K
R4
30K
C2
220µF
C1
220µF
3.3V/0.1A
BAS
EM
RE
U1
ZXSC100
C3
1NF
VBATT
VCC
GND
FB
ISENSE
VDRIVE
Q1
FMMT617
R2
0.033R
R1
0R
L1
22µH
D1
ZHCS1000
R3
110K
R4
30K
C2
220µF
C1
220µF
3.3V/0.1A
BAS
EM
RE
U1
ZXSC100
C3
1NF
VBATT
VCC
GND
FB
ISENSE
VDRIVE
Figure 2.
ZXSC100 efficiency v output current
Figure 4.
ISENSE threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com