Electronic Components Datasheet Search
  English  ▼

X  

LC72710W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72710W
Description  Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72710W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72710W Datasheet HTML 1Page - Sanyo Semicon Device LC72710W Datasheet HTML 2Page - Sanyo Semicon Device LC72710W Datasheet HTML 3Page - Sanyo Semicon Device LC72710W Datasheet HTML 4Page - Sanyo Semicon Device LC72710W Datasheet HTML 5Page - Sanyo Semicon Device LC72710W Datasheet HTML 6Page - Sanyo Semicon Device LC72710W Datasheet HTML 7Page - Sanyo Semicon Device LC72710W Datasheet HTML 8Page - Sanyo Semicon Device LC72710W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
No. 6166-4/33
LC72710W, 72710LW
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
2.7
3.6
V
High-level input voltage
VIH1
A0/CL, A1/CE, A2/DI, RST, STNBY
0.7 VDD
5.5
V
VIH2
DACK, WR, RD, CS, SP, BUSWD, A3, IOCNT1, IOCNT2
0.7 VDD
VDD
V
Low-level input voltage
VIL1
Pins for which VIH1 applies
VSS
0.3 VDD
V
VIL2
Pins for which VIH2 applies
VSS
0.3 VDD
V
Oscillator frequency
FOSC
This IC operates with a frequency precision of ±250 ppm
7.2
MHz
XIN input sensitivity
VXI
With a sine wave input to XIN, capacitor coupling.
400
900
mVrms
VDD = +2.7 to +3.6 V
VMPX1
With a 100% modulated composite signal input to
120
350
mVrms
Input amplitude
MPXIN. VDD = +3.3 V
VMPX2
With a 100% modulated composite signal input to
120
180
mVrms
MPXIN. VDD = +2.7 V
Clock low-level period
tCL
A0/CL
0.7
µs
Clock high-level period
tCH
A0/CL
0.7
µs
Data setup time
tSU
A0/CL, A2/DI
0.7
µs
Data hold time
tHD
A0/CL, A2/DI
0.7
µs
CE wait time
tEL
A0/CL, A1/CE
0.7
µs
CE setup time
tES
A0/CL, A1/CE
0.7
µs
CE hold time
tEH
A0/CL, A1/CE
0.7
µs
Data latch change time
tLC
A1/CE
0.7
µs
Data output time
tDDO
DO, A0/CL
277
555
ns
CRC4 change time
tCRC
CRC4, A0/CL
0.7
µs
[LC72710LW]
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com