Electronic Components Datasheet Search
  English  ▼

X  

LT5568 Datasheet(PDF) 28 Page - Linear Technology

Part # LT5568
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT5568 Datasheet HTML 22Page - Linear Technology LT5568 Datasheet HTML 23Page - Linear Technology LT5568 Datasheet HTML 24Page - Linear Technology LT5568 Datasheet HTML 25Page - Linear Technology LT5568 Datasheet HTML 26Page - Linear Technology LT5568 Datasheet HTML 27Page - Linear Technology LT5568 Datasheet HTML 28Page - Linear Technology LT5568 Datasheet HTML 29Page - Linear Technology LT5568 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
LTC5588-1
28
55881fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
PF Package
Variation: PF24MA
24-Lead Plastic UTQFN (4mm
× 4mm)
(Reference LTC DWG # 05-08-1834 Rev Ø)
4.00
0.10
2.50 REF
4.00
0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE, IF PRESENT
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
0.10
24
23
1
2
BOTTOM VIEW—EXPOSED PAD
1.24
0.10
0.41
0.10
2.45
0.10
0.55
0.05
R = 0.05
TYP
R = 0.125
TYP
0.25
0.05
0.50 BSC
0.125 REF
0.00 – 0.05
(PF24MA) UTQFN 0908 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
0.05
0.41
0.05
0.41
0.05
0.25
0.05
1.24 0.05
0.50 BSC
2.45
0.05
3.10
0.05
4.50
0.05
PACKAGE OUTLINE
PIN 1 NOTCH
R = 0.20 TYP
OR 0.25
45
CHAMFER
0.41
0.10
0.41
0.10
2.50 REF
0.41
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com