Electronic Components Datasheet Search
  English  ▼

X  

LT5568 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5568
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 3 Page - Linear Technology

  LT5568 Datasheet HTML 1Page - Linear Technology LT5568 Datasheet HTML 2Page - Linear Technology LT5568 Datasheet HTML 3Page - Linear Technology LT5568 Datasheet HTML 4Page - Linear Technology LT5568 Datasheet HTML 5Page - Linear Technology LT5568 Datasheet HTML 6Page - Linear Technology LT5568 Datasheet HTML 7Page - Linear Technology LT5568 Datasheet HTML 8Page - Linear Technology LT5568 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC5588-1
3
55881fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fLO = 450MHz, fRF = 449.9MHz, PLO = 10dBm, C7 = 2.7nH, C8 = 10pF, U2 = Anaren P/N B0310J50100A00 Balun
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB (Note 10)
350 to 468
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
200 to 1500
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–2.6
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
1.4
dBm
OP1dB
Output 1dB Compression
8.6
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
72
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
30
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
POUT = 1dBm (Note 3)
–165.2
–159.8
dBm/Hz
dBm/Hz
IR
Image Rejection
(Note 7)
–53
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–45
dBm
fLO = 900MHz, fRF = 899.9MHz, PLOM = 0dBm, C7 = 6.8pF, C8 = 0.2pF
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB
700 to 5000
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
600 to 6000
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
0
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
4.0
dBm
OP1dB
Output 1dB Compression
12.1
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
73.6
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
Optimized (Notes 4, 6, 11)
31.3
35.1
dBm
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
POUT = 5dBm (Note 3) PLOM = 10dBm
–161.6
–155.1
dBm/Hz
dBm/Hz
IR
Image Rejection
(Note 7)
–45.5
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
EN = Low (Note 7)
–43.1
–68.9
dBm
dBm
fLO = 1900MHz, fRF = 1899.9MHz, PLOM = 0dBm, C7 = 6.8pF, C8 = 0.2pF
fRF(MATCH)
RF Match Frequency Range
S22 < –10dB
700 to 5000
MHz
fLO(MATCH)
LO Match Frequency Range
S11 < –10dB
600 to 6000
MHz
GV
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
0.4
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
4.4
dBm
OP1dB
Output 1dB Compression
12.4
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
58.8
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
Optimized (Notes 4, 6, 11)
30.3
32.7
dBm
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–160.6
dBm/Hz
IR
Image Rejection
(Note 7)
–54.4
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–40.9
dBm
ELECTRICAL CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP AC-terminated with 50Ω to ground,
BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 0.5VDC, I and Q baseband input signal = 100kHz CW, 1VP-P(DIFF) each, I
and Q 90° shifted, lower sideband selection, LINOPT pin floating, unless otherwise noted. Test circuit is shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com