Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8032
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 1 Page - Linear Technology

  LTM8032 Datasheet HTML 1Page - Linear Technology LTM8032 Datasheet HTML 2Page - Linear Technology LTM8032 Datasheet HTML 3Page - Linear Technology LTM8032 Datasheet HTML 4Page - Linear Technology LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM8042/LTM8042-1
1
80421fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
µModule Boost LED Driver
and Current Source
The LTM®8042 is a complete μModule® Boost LED Driver
specifically designed to drive LEDs up to 1A, while the
LTM8042-1 drives up to 350mA. It combines a boost
power topology with a unique current loop to operate as
a constant-current source. The PWM input provides as
much as 3000:1 LED dimming, while 10:1 analog dimming
can be accomplished by a single resistor or analog voltage
applied to the CTL pin. As with any boost topology, the
LTM8042/LTM8042-1 has an uninterrupted current path
between its input and output and is thus intolerant to a
short-circuit or overload from the output to ground.
# WHITE LEDS
LED CURRENT
12VIN
24VIN
6
1A
LTM8042
7
350mA
LTM8042-1
8
1A
LTM8042
9
350mA
LTM8042-1
The LTM8042/LTM8042-1 is packaged in a thermally
enhanced, compact overmolded land grid array (LGA)
package. The LTM8042/LTM8042-1 is Pb-free and a RoHS
compliant.
μModule Boost LED Driver, Driving 8 White LEDs at 1A
APPLICATIONS
n True Color PWM™ with 3000:1 Dimming Ratio
n Operates in Boost, Buck Mode or Buck-Boost Mode
n Wide Input Voltage Range:
Operation from 3V to 30V
Transient Protection to 40V
n Gate Driver for Optional PWM Dimming with
P-channel MOSFET
n Adjustable Frequency: 250kHz to 2MHz
n Constant-Current and Constant-Voltage Regulation
n Low Shutdown Current: <1μA
n RoHS Compliant Package with Gold Pad Finish
n Tiny, Low Profile (9mm × 15mm × 2.82mm)
Surface Mount LGA Package
n Display Backlighting
n Automotive and Avionic Lighting
n Illumination
n Scanners
Efficiency vs VIN
L, LT, LTC, LTM, Linear Technology, the Linear logo and μModule are registered trademarks
and True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.
VIN (V)
16
87
19
18
97
80421 TA01b
17
20
23
22
21
25
24
26
91
90
93
89
88
95
92
94
96
80421 TA01a
LTM8042
RT
GND CTL
VCC
RUN
BSTIN/BKLED–
PWM
SYNC
TGEN
SS
VIN
16V TO 26V
LED+
TG
BSTOUT/BKIN
4.7μF
33.2k
fSW = 550kHz
4.7μF
1A
UP TO 26.8V


Similar Part No. - LTM8032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8032 LINER-LTM8032 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8032 LINER-LTM8032 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
More results

Similar Description - LTM8032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
36V, 1A Module LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
Module Boost LED Driver and Current Source
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
Module Boost LED Driver and Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
Diodes Incorporated
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 1
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com