Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM8032
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 24Page - Linear Technology LTM8032 Datasheet HTML 25Page - Linear Technology LTM8032 Datasheet HTML 26Page - Linear Technology LTM8032 Datasheet HTML 27Page - Linear Technology LTM8032 Datasheet HTML 28Page - Linear Technology LTM8032 Datasheet HTML 29Page - Linear Technology LTM8032 Datasheet HTML 30Page - Linear Technology LTM8032 Datasheet HTML 31Page - Linear Technology LTM8032 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM8042/LTM8042-1
32
80421fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0111 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM8040
36V, 1A, μModule LED Driver and Current Source
4V ≤ VIN ≤ 36V; Open LED and Short-Circuit Protection,
9mm × 15mm × 4.32mm LGA Package
LTM8032
EMC 36V, 2A, μModule Regulator
EN55022 Class B Compliant; 0.8V ≤ VOUT ≤ 10V
LTM4607
Buck-Boost μModule Regulator
4.5V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 25V, 15mm × 15mm × 2.8mm
Boost Operation, Driving 9 Red LEDs at 350mA with Analog Dimming
80421 TA06
LTM8042
RT
GND
CTL
VCC
RUN
BSTIN/BKLED–
PWM
SYNC
TGEN
SS
VIN
7V TO 24.8V
LED+
TG
BSTOUT/BKIN
2.2μF
ANALOG
CONTROL
VOLTAGE
19.6k
fSW = 850kHz
2.2μF
350mA
UP TO 28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com