Electronic Components Datasheet Search
  English  ▼

X  

ZXTC6717MC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTC6717MC
Description  DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC6717MC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTC6717MC Datasheet HTML 1Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 2Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 3Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 4Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 5Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 6Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 7Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 8Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXTC6717MC
Document number: DS31926 Rev. 3 - 2
2 of 9
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC6717MC
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
NPN
PNP
Unit
Collector-Base Voltage
VCBO
40
-20
V
Collector-Emitter Voltage
VCEO
15
-12
V
Emitter-Base Voltage
VEBO
7
-7
V
Peak Pulse Current
ICM
15
-12
A
Continuous Collector Current
(Notes 3 & 6)
IC
4.5
-4
A
(Notes 4 & 6)
5
-4.45
Base Current
IB
1
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
NPN
PNP
Unit
Power Dissipation
Linear Derating Factor
(Notes 3 & 6)
PD
1.5
12
W
mW/
°C
(Notes 4 & 6)
2.45
19.6
(Notes 5 & 6)
1.13
8
(Notes 5 & 7)
1.7
13.6
Thermal Resistance, Junction to Ambient
(Notes 3 & 6)
RθJA
83.3
°C/W
(Notes 4 & 6)
51.0
(Notes 5 & 6)
111
(Notes 5 & 7)
73.5
Thermal Resistance, Junction to Lead
(Notes 6 & 8)
RθJL
17.1
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. For a dual device surface mounted on 28mm x 28mm (8cm
2) FR4 PCB with high coverage of single sided 2 oz copper, in still air conditions; the device is
measured when operating in a steady-state condition. The heatsink is split in half with the exposed collector pads connected to each half.
4. Same as note (3), except the device is measured at t <5 sec.
5. Same as note (3), except the device is surface mounted on 31mm x 31mm (10cm
2) FR4 PCB with high coverage of single sided 1oz copper.
6. For a dual device with one active die.
7. For dual device with 2 active die running at equal power.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com