Electronic Components Datasheet Search
  English  ▼

X  

ZXTC6717MC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTC6717MC
Description  DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC6717MC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTC6717MC Datasheet HTML 1Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 2Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 3Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 4Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 5Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 6Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 7Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 8Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZXTC6717MC
Document number: DS31926 Rev. 3 - 2
4 of 9
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC6717MC
NPN - Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
40
70
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
15
18
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.2
-
V
IE = 100µA
Collector Cutoff Current
ICBO
-
-
100
nA
VCB = 30V
Emitter Cutoff Current
IEBO
-
-
100
nA
VEB = 6V
Collector Emitter Cutoff Current
ICES
-
-
100
nA
VCE = 12V
Static Forward Current Transfer Ratio (Note 9)
hFE
200
300
200
150
-
415
450
320
240
80
-
-
-
-
-
-
IC = 10mA, VCE = 2V
IC = 200mA, VCE = 2V
IC = 3A, VCE = 2V
IC = 5A, VCE = 2V
IC = 12A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
-
8
70
165
240
200
14
100
200
310
-
mV
IC = 0.1A, IB = 10mA
IC = 1A, IB = 10mA
IC = 3A, IB = 50mA
IC = 4.5A, IB = 50mA
IC = 4.5A, IB = 100mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
-
0.88
0.96
V
IC = 4.5A, VCE = 2V
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
-
0.94
1.05
V
IC = 4.5A, IB = 50mA
Output Capacitance
Cobo
-
30
40
pF
VCB = 10V. f = 1MHz
Transition Frequency
fT
80
120
-
MHz
VCE = 10V, IC = 50mA,
f = 100MHz
Turn-on Time
ton
-
120
-
ns
VCC = 10V, IC = 1A
IB1 = IB2 = 10mA
Turn-off Time
toff
-
160
-
ns
Notes:
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com