Electronic Components Datasheet Search
  English  ▼

X  

LTC2641 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2641
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 5 Page - Linear Technology

  LTC2641 Datasheet HTML 1Page - Linear Technology LTC2641 Datasheet HTML 2Page - Linear Technology LTC2641 Datasheet HTML 3Page - Linear Technology LTC2641 Datasheet HTML 4Page - Linear Technology LTC2641 Datasheet HTML 5Page - Linear Technology LTC2641 Datasheet HTML 6Page - Linear Technology LTC2641 Datasheet HTML 7Page - Linear Technology LTC2641 Datasheet HTML 8Page - Linear Technology LTC2641 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2379-18
5
237918p
ADC TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSCKL
SCK Low Time
l
4ns
tSSDISCK
SDI Setup Time From SCK
↑
(Note 11)
l
4ns
tHSDISCK
SDI Hold Time From SCK
↑
(Note 11)
l
1ns
tSCKCH
SCK Period in Chain Mode
tSCKCH = tSSDISCK + tDSDO (Note 11)
l
13.5
ns
tDSDO
SDO Data Valid Delay from SCK
↑
CL = 20pF (Note 11)
l
9.5
ns
tHSDO
SDO Data Remains Valid Delay from SCK
↑
CL = 20pF (Note 10)
l
1ns
tDSDOBUSYL
SDO Data Valid Delay from BUSY
↓
CL = 20pF (Note 10)
l
5ns
tEN
Bus Enable Time After RDL
↓
(Note 11)
l
16
ns
tDIS
Bus Relinquish Time After RDL
↑
(Note 11)
l
13
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may effect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground or above REF or
OVDD, they will be clamped by internal diodes. This product can handle
input currents up to 100mA below ground or above REF or OVDD without
latch-up.
Note 4: VDD = 2.5V, OVDD = 2.5V, REF = 5V, fSMPL = 1.6MHz.
Note 5: Recommended operating conditions.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar zero-scale error is the offset voltage measured from
–0.5LSB when the output code flickers between 00 0000 0000 0000 0000
and 11 1111 1111 1111 1111. Full-scale bipolar error is the worst-case of
–FS or +FS untrimmed deviation from ideal first and last code transitions
and includes the effect of offset error.
Note 8: All specifications in dB are referred to a full-scale ±5V input with a
5V reference voltage.
Note 9: fSMPL = 1.6MHz, IREF varies proportionately with sample rate.
Note 10: Guaranteed by design, not subject to test.
Note 11: Parameter tested and guaranteed at OVDD = 1.71V, OVDD = 2.5V
and OVDD = 5.25V.
Note 12: tSCK of 10ns maximum allows a shift clock frequency up to
100MHz for rising capture.
0.8*OVDD
0.2*OVDD
50%
50%
237918 F01
0.2*OVDD
0.8*OVDD
0.2*OVDD
0.8*OVDD
tDELAY
tWIDTH
tDELAY
Figure 1. Voltage Levels for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com