Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2630
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2630 Datasheet HTML 3Page - Linear Technology LTC2630 Datasheet HTML 4Page - Linear Technology LTC2630 Datasheet HTML 5Page - Linear Technology LTC2630 Datasheet HTML 6Page - Linear Technology LTC2630 Datasheet HTML 7Page - Linear Technology LTC2630 Datasheet HTML 8Page - Linear Technology LTC2630 Datasheet HTML 9Page - Linear Technology LTC2630 Datasheet HTML 10Page - Linear Technology LTC2630 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2379-18
7
237918p
SNR, SINAD vs Temperature,
fIN = 2kHz
THD, Harmonics vs Temperature,
fIN = 2kHz
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Shutdown Current vs Temperature
Supply Current vs Sampling Rate
Reference Current vs
Reference Voltage
INL/DNL vs Temperature
Full-Scale Error vs Temperature
Offset Error vs Temperature
TA = 25°C, VDD = 2.5V, OVDD = 2.5V, REF = 5V,
fSMPL = 1.6Msps, unless otherwise noted.
SAMPLING RATE (kHz)
0
200 400 600 800
1600
1400
1200
1000
0
5
4
2
1
3
8
7
6
237918 G15
IVDD
IREF
IOVDD
0
0.5
0.4
0.2
0.1
0.3
1.0
0.9
0.8
0.7
0.6
237918 G18
REFERENCE VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
103
102
237918 G08
96
97
98
99
100
101
–55 –35 –15
5
25
45
65
85 105 125
SINAD
SNR
TEMPERATURE (°C)
–110
237918 G09
–135
–130
–125
–120
–115
–55 –35 –15
5
25
45
65
85 105 125
THD
2ND
3RD
TEMPERATURE (°C)
2
237918 G10
–2
–1
0
1
–55 –35
25
45
65
–15
5
85 105 125
MAX INL
MAX DNL
MIN DNL
MIN INL
TEMPERATURE (°C)
8
237918 G11
–8
0
4
2
6
–4
–2
–6
–55 –35
25
45
65
–15
5
85 105 125
–FS
+FS
TEMPERATURE (°C)
8
7
6
237918 G13
0
1
2
3
4
5
–55 –35 –15
5
25
45
65
85 105 125
IVDD
IREF
IOVDD
TEMPERATURE (°C)
0.50
237918 G12
–1.25
–1.00
0
0.25
–0.50
–0.75
–0.25
–55 –35 –15
5
25
45
65
85 105 125
TEMPERATURE (°C)
45
40
35
30
237918 G14
0
5
10
15
20
25
–55 –35 –15
5
25
45
65
85 105 125
IVDD + IOVDD + IREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com