Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2630
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630 Datasheet(HTML) 1 Page - Linear Technology

  LTC2630 Datasheet HTML 1Page - Linear Technology LTC2630 Datasheet HTML 2Page - Linear Technology LTC2630 Datasheet HTML 3Page - Linear Technology LTC2630 Datasheet HTML 4Page - Linear Technology LTC2630 Datasheet HTML 5Page - Linear Technology LTC2630 Datasheet HTML 6Page - Linear Technology LTC2630 Datasheet HTML 7Page - Linear Technology LTC2630 Datasheet HTML 8Page - Linear Technology LTC2630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2379-18
1
237918p
TYPICAL APPLICATION
FEATURES
DESCRIPTION
18-Bit, 1.6Msps, Low Power
SAR ADC with 101dB SNR
The LTC®2379-18 is a low noise, low power, high speed
18-bit successive approximation register (SAR) ADC.
Operating from a 2.5V supply, the LTC2379-18 has a ±
VREF fully differential input range with VREF ranging from
2.5V to 5.1V. The LTC2379-18 consumes only 18mW
and achieves ±2LSB INL maximum, no missing codes at
18-bits with 101dB SNR.
The LTC2379-18 has a high speed SPI-compatible se-
rial interface that supports 1.8V, 2.5V, 3.3V and 5V logic
while also featuring a daisychain mode. The fast 1.6Msps
throughput with no cycle latency makes the LTC2379-18
ideally suited for a wide variety of high speed applications.
An internal oscillator sets the conversion time, easing exter-
nal timing considerations. The LTC2379-18 automatically
powers down between conversions, leading to reduced
power dissipation that scales with the sampling rate.
The LTC2379-18 offers a digital gain compression (DGC)
feature that allows a full-scale input to be achieved with
inputs that swing between 10% and 90% of the ±VREF
analog input range. This allows the input buffer ampli-
fier to be operated from a single positive supply without
headroom issues, resulting in a lower power system.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
32k Point FFT fS = 1.6Msps, fIN = 2kHz
APPLICATIONS
n 1.6Msps Throughput Rate
n ±2LSB INL (Max)
n Guaranteed 18-Bit No Missing Codes
n Low Power: 18mW at 1.6Msps, 18μW at 1.6ksps
n 101dB SNR (typ) at fIN = 2kHz
n Digital Gain Compression (DGC)
n Guaranteed Operation to 125°C
n 2.5V Supply
n Fully Differential Input Range ±VREF
n VREF Input Range from 2.5V to 5.1V
n No Pipeline Delay, No Cycle Latency
n 1.8V to 5V I/O Voltages
n SPI-Compatible Serial I/O with Daisy-Chain Mode
n Internal Conversion Clock
n 16-pin MSOP and 4mm
× 3mm DFN Packages
n Medical Imaging
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Industrial Process Control
n Low Power Battery-Operated Instrumentation
n ATE
FREQUENCY (kHz)
0
100 200 300 400
800
700
600
500
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
237918 TA02
SNR = 101.2dB
THD = –120dB
SINAD = 101.1dB
SFDR = 121dB
20Ω
VREF
0V
VREF
0V
20Ω
3300pF
3300pF
3300pF
–
+
VREF
SAMPLE CLOCK
237918 TA01
10μF
2.5V
REF
1.8V TO 5V
2.5V TO 5.1V
47μF
(X5R, 0805 SIZE)
REF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
REF/DGC
LTC2379-18
VDD
OVDD
IN+
IN–
Electrical Specifications Subject to Change


Similar Part No. - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
346Kb / 20P
Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2630 LINER-LTC2630 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2630 LINER-LTC2630 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com