Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6350
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology LT6350 Datasheet HTML 12Page - Linear Technology LT6350 Datasheet HTML 13Page - Linear Technology LT6350 Datasheet HTML 14Page - Linear Technology LT6350 Datasheet HTML 15Page - Linear Technology LT6350 Datasheet HTML 16Page - Linear Technology LT6350 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2379-18
13
237918p
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
237918 F09b
SNR = 99dB
THD = –95dB
SINAD = 94.6dB
SFDR = 96.3dB
FREQUENCY (kHz)
0
100 200 300 400
800
700
600
500
Figure 9b. 32k Point FFT Plot
with fIN = 2kHz for Circuit Shown
in Figure 9a
Figure 8. Input Swing of the LTC2379 with Gain
Compression Enabled
APPLICATIONS INFORMATION
Figure 9a shows how to configure the LT6350 to accept a
±10V true bipolar input signal and attenuate and level shift
the signal to the reduced input range of the LTC2379-18
when digital gain compression is enabled. Figure 9b shows
an FFT plot with the LTC2379-18 being driven by the LT6350
with digital gain compression enabled.
ADC REFERENCE
The LTC2379-18 requires an external reference to define
its input range. A low noise, low temperature drift refer-
ence is critical to achieving the full datasheet performance
of the ADC. Linear Technology offers a portfolio of high
performance references designed to meet the needs of
many applications. With its small size, low power and
high accuracy, the LTC6655-5 is particularly well suited for
use with the LTC2379-18. The LTC6655-5 offers 0.025%
(max) initial accuracy and 2ppm/°C (max) temperature
coefficient for high precision applications. The LTC6655-5
is fully specified over the H-grade temperature range and
complements the extended temperature operation of the
LTC2379-18 up to 125°C. We recommend bypassing the
LTC6655-5 with a 47μF ceramic capacitor (X5R, 0805 size)
close to the REF pin.
The REF pin of the LTC2379-18 draws charge (QCONV) from
the 47μF bypass capacitor during each conversion cycle.
The reference replenishes this charge with a DC current,
IREF = QCONV/tCYC. The DC current draw of the REF pin,
IREF, depends on the sampling rate and output code. If
the LTC2379-18 is used to continuously sample a signal
at a constant rate, the LTC6655-5 will keep the deviation
of the reference voltage over the entire code span to less
than 0.5LSBs.
When idling, the REF pin on the LTC2379-18 draws only
a small leakage current (< 1μA). In applications where a
burst of samples is taken after idling for long periods as
shown in Figure 10, IREF quickly goes from approximately
0μA to a maximum of 1.2mA at 1.6Msps. This step in DC
CNV
IDLE
PERIOD
IDLE
PERIOD
237918 F10
Figure 10. CNV Waveform Showing Burst Sampling
Figure 9a. LT6350 Configured to Accept a ±10V Input Signal While Running Off of a
Single 5.5V Supply When Digital Gain Compression Is Enabled in the LTC2379-18
237918 F08
5V
4.5V
0.5V
0V
LT6350
3.01k
4.32k
VCM
237918 F09a
OUT1
RINT
RINT
RIN = 15k
OUT2
V–
8
4
5
2
1
6
V+
3
+
–
–
+
20Ω
3300pF
20Ω
6.04k
1k
VCM
1k
0.5V
4.5V
0.5V
4.5V
5V
5.5V
47μF
10μF
10μF
LTC2379-18
REF/DGC
IN+
REF
VDD
2.5V
IN–
LTC6655-5
VIN
VOUT_S
–10V
10V
0V
3300pF
3300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com