Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6350
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 4 Page - Linear Technology

  LT6350 Datasheet HTML 1Page - Linear Technology LT6350 Datasheet HTML 2Page - Linear Technology LT6350 Datasheet HTML 3Page - Linear Technology LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2379-18
4
237918p
ADC TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
1.6
Msps
tCONV
Conversion Time
l
380
410
ns
tACQ
Acquisition Time
tACQ = tCYC –tCONV – tBUSYLH (Note 10)
l
200
ns
tCYC
Time Between Conversions
l
625
ns
tCNVH
CNV High Time
l
20
ns
tBUSYLH
CNV
↑ to BUSY Delay
CL = 20pF (Note 11)
l
15
ns
tCNVL
Minimum Low Time for CNV
(Note 11)
l
20
ns
tQUIET
SCK Quiet Time from CNV
↑
(Note 10)
l
20
ns
tSCK
SCK Period
(Notes 11, 12)
l
10
ns
tSCKH
SCK High Time
l
4ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
2.375
2.5
2.625
V
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
IOVDD
IPD
IPD
Supply Current
Supply Current
Power Down Mode
Power Down Mode
1.6Msps Sample Rate
1.6Msps Sample Rate (CL = 20pF)
Conversion Done (IVDD + IOVDD + IREF)
Conversion Done (IVDD + IOVDD + IREF, H-Grade)
l
l
l
l
7.2
0.8
0.5
0.5
8
1
40
110
mA
mA
μA
μA
PD
Power Dissipation
Power Down Mode
Power Down Mode
1.6Msps Sample Rate
Conversion Done (IVDD + IOVDD + IREF)
Conversion Done (IVDD + IOVDD + IREF, H-Grade)
18
1.25
1.25
20
100
275
mW
μW
μW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
REFERENCE INPUT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
(Note 5)
l
2.5
5.1
V
IREF
Reference Input Current
(Note 9)
l
1
1.2
mA
VIHDGC
High Level Input Voltage REF/DGC Pin
l
0.8VREF
V
VILDGC
Low Level Input Voltage REF/DGC Pin
l
0.2VREF
V
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l 0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
IO = –500 μA
l OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500 μA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
μA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com