Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1992
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology LTC1992 Datasheet HTML 10Page - Linear Technology LTC1992 Datasheet HTML 11Page - Linear Technology LTC1992 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2380-16
8
238016p
CHAIN (Pin 1): Chain Mode Selector Pin. When low, the
LTC2380-16 operates in Normal Mode and the RDL/SDI
input pin functions to enable or disable SDO. When high,
the LTC2380-16 operates in Chain Mode and the RDL/
SDI pin functions as SDI, the daisychain serial data input.
Logic levels are determined by 0VDD.
VDD (Pin 2): 2.5V Power Supply. The range of VDD is
2.375V to 2.625V. Bypass VDD to GND with a 10μF ceramic
capacitor.
GND (Pins 3, 6, 10 and 16): Ground.
IN+, IN– (Pins 4, 5):
Positive and Negative Differential
Analog Inputs.
REF (Pin 7): Reference Input. The range of REF is 2.5V
to 5.1V. This pin is referred to the GND pin and should be
decoupled closely to the pin with a 47μF ceramic capacitor
(X5R, 0805 size).
REF/DGC (Pin 8): When tied to REF, digital gain compression
is disabled and the LTC2380-16 defines full-scale according
to the ±VREF analog input range. When tied to GND, digital
gain compression is enabled and the LTC2380-16 defines
full-scale with inputs that swing between 10% and 90%
of the ±VREF analog input range.
CNV (Pin 9): Convert Input. A rising edge on this input
powers up the part and initiates a new conversion. Logic
levels are determined by 0VDD.
BUSY (Pin 11): BUSY indicator. Goes high at the start of
a new conversion and returns low when the conversion
has finished. Logic levels are determined by 0VDD.
RDL/SDI (Pin 12): When CHAIN is low, the part is in Nor-
mal Mode and the pin is treated as a bus enabling input.
When CHAIN is high, the part is in chain mode and the
pin is treated as a serial data input pin where data from
another ADC in the daisychain is input. Logic levels are
determined by 0VDD.
SCK (Pin 13): Serial Data Clock Input. When SDO is enabled,
the conversion result or daisychain data from another ADC
is shifted out on the rising edges of this clock MSB first.
Logic levels are determined by 0VDD.
SDO (Pin 14): Serial Data Output. The conversion result or
daisychain data is output on this pin on each rising edge
of SCK MSB first. The output data is in 2’s complement
format. Logic levels are determined by 0VDD.
OVDD (Pin 15): I/O Interface Digital Power. The range of
OVDD is 1.71V to 5.25V. This supply is nominally set to
the same supply as the host interface (1.8V, 2.5V, 3.3V,
or 5V). Bypass OVDD to GND with a 0.1μF capacitor.
GND (Exposed Pad Pin 17 – DFN Package Only): Ground.
Exposed pad must be soldered directly to the ground plane.
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTIONS
REF = 5V
LTC2380-16
IN+
VDD = 2.5V
OVDD = 1.8V to 5V
IN–
CHAIN
CNV
GND
BUSY
REF/DGC
SDO
SCK
RDL/SDI
CONTROL LOGIC
16-BIT SAMPLING ADC
SPI
PORT
+
–
238016 BD01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com