Electronic Components Datasheet Search
  English  ▼

X  

LTC1992 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1992
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 1 Page - Linear Technology

  LTC1992 Datasheet HTML 1Page - Linear Technology LTC1992 Datasheet HTML 2Page - Linear Technology LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2380-16
1
238016p
TYPICAL APPLICATION
FEATURES
DESCRIPTION
16-Bit, 2Msps, Low Power
SAR ADC with 96dB SNR
The LTC®2380-16 is a low noise, low power, high speed
16-bit successive approximation register (SAR) ADC.
Operating from a 2.5V supply, the LTC2380-16 has a
±VREF fully differential input range with VREF ranging from
2.5V to 5.1V. The LTC2380-16 consumes only 19mW and
achieves ±0.6LSB INL maximum, no missing codes at
16-bits with 96dB SNR.
The LTC2380-16 has a high speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3.3V and 5V logic while
also featuring a daisychain mode. The fast 2Msps through-
put with no cycle latency makes the LTC2380-16 ideally
suited for a wide variety of high speed applications. An
internal oscillator sets the conversion time, easing external
timing considerations. The LTC2380-16 automatically pow-
ers down between conversions, leading to reduced power
dissipation that scales with the sampling rate.
The LTC2380-16 features a unique digital gain compres-
sion (DGC) function, which eliminates the driver amplifier’s
negative supply while preserving the full resolution of the
ADC. When enabled, the ADC performs a digital scaling
function that maps zero-scale code from 0V to 0.1 • VREF
and full-scale code from VREF to 0.9 • VREF. For a typical
reference voltage of 5V, the full-scale input range is now
0.5V to 4.5V, which provides adequate headroom for
powering the driving amplifier from a single 5.5V supply.
32k Point FFT fS = 2Msps, fIN = 2kHz
APPLICATIONS
n 2Msps Throughput Rate
n ±0.6LSB INL (Max)
n Guaranteed 16-Bit No Missing Codes
n Low Power: 19mW at 2Msps, 19μW at 2ksps
n 96dB SNR (typ) at fIN = 2kHz
n –117dB THD (typ) at fIN = 2kHz
n Digital Gain Compression (DGC)
n Guaranteed Operation to 125°C
n 2.5V Supply
n Fully Differential Input Range ±VREF
n VREF Input Range from 2.5V to 5.1V
n No Pipeline Delay, No Cycle Latency
n 1.8V to 5V I/O Voltages
n SPI-Compatible Serial I/O with Daisy-Chain Mode
n Internal Conversion Clock
n 16-pin MSOP and 4mm
× 3mm DFN Packages
n Medical Imaging
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Industrial Process Control
n Low Power Battery-Operated Instrumentation
n ATE
FREQUENCY (kHz)
0 100 200 300 400
1000
900
800
700
600
500
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
238016 TA02
SNR = 96.4dB
THD = –119dB
SINAD = 96.3dB
SFDR = 122dB
VREF
20Ω
VREF
0V
VREF
0V
20Ω
3300pF
3300pF
3300pF
SAMPLE CLOCK
238016 TA01
10μF
0.1μF
2.5V
REF
1.8V TO 5V
2.5V TO 5.1V
47μF
(X5R, 0805 SIZE)
REF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
REF/DGC
LTC2380-16
VDD
OVDD
IN+
IN–
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Electrical Specifications Subject to Change


Similar Part No. - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
143Kb / 8P
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
LTC1992 LINER-LTC1992 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC1992 LINER-LTC1992 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC1992 LINER-LTC1992 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com