Electronic Components Datasheet Search
  English  ▼

X  

TPD3F303 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3F303
Description  EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3F303 Datasheet(HTML) 4 Page - Texas Instruments

  TPD3F303 Datasheet HTML 1Page - Texas Instruments TPD3F303 Datasheet HTML 2Page - Texas Instruments TPD3F303 Datasheet HTML 3Page - Texas Instruments TPD3F303 Datasheet HTML 4Page - Texas Instruments TPD3F303 Datasheet HTML 5Page - Texas Instruments TPD3F303 Datasheet HTML 6Page - Texas Instruments TPD3F303 Datasheet HTML 7Page - Texas Instruments TPD3F303 Datasheet HTML 8Page - Texas Instruments TPD3F303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
0
10
20
30
40
50
60
70
80
90
100
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
V
= 2.5 V
IO
V
- Input Offset Voltage - V
IO
0
1
2
3
4
5
6
7
8
-1
-2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.6
0.8
1.0
0.4
t = 25°C
A
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
f - Frequency - Hz
CLK_IN to DATA2_OUT
DATA1_IN to CLK_OUT
DATA1_IN to DATA2_OUT
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-10
-20
-0
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
f - Frequency - Hz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
CLK
0 V Bias
DATA
TPD3F303
SLVSAM5 – JANUARY 2011
www.ti.com
TYPICAL OPERATING CHARACTERISTICS
Figure 2. IIO vs Temperature, VIO = 2.5V
Figure 3. IIO vs VIO
Figure 4. Frequency Response Data (0 V Bias)
Figure 5. Channel-to-Channel Crosstalk
4
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TPD3F303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com