Electronic Components Datasheet Search
  English  ▼

X  

TPD3F303 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3F303
Description  EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3F303 Datasheet(HTML) 1 Page - Texas Instruments

  TPD3F303 Datasheet HTML 1Page - Texas Instruments TPD3F303 Datasheet HTML 2Page - Texas Instruments TPD3F303 Datasheet HTML 3Page - Texas Instruments TPD3F303 Datasheet HTML 4Page - Texas Instruments TPD3F303 Datasheet HTML 5Page - Texas Instruments TPD3F303 Datasheet HTML 6Page - Texas Instruments TPD3F303 Datasheet HTML 7Page - Texas Instruments TPD3F303 Datasheet HTML 8Page - Texas Instruments TPD3F303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA1_Out
CLK_Out
DATA2_Out
NC
V
CC
DATA2_In
CLK_In
DATA1_In
TPD3F303
2.1-mm x 1.6-mm DPV (0.5-mm Pitch)
1.7-mm x 1.35-mm DQD (0.4-mm Pitch)
1
2
3
4
5
6
7
8
V
CC
Reset
CLK
NC
VPP
I/O
NC
GND
V
CC
Reset
CLK
NC
VPP
I/O
NC
GND
SIM Controller
1
2
3
4
5
6
7
8
TPD3F303
www.ti.com
SLVSAM5 – JANUARY 2011
EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
Check for Samples: TPD3F303
1
FEATURES
TPD6F303 PACKAGE
•
Bidirectional EMI/RFI Filtering and Line
(TOP VIEW)
Termination with Integrated ESD Protection
•
Robust ESD Protection Exceeds IEC 61000-4-2
(Level 4)
–
±15-kV Human-Body Model (HBM)
–
±15-kV IEC 61000-4-2 (Contact Discharge)
–
±15-kV IEC 61000-4-2 (Air-Gap Discharge)
•
Breakdown voltage 6-V
•
Low Noise C-R-C Filter Topology
•
Integrated VCC Clamp Eliminates the Need for
External ESD Protection
•
Space Saving DPV (0.5-mm Pitch), DQD
Packages (0.4-mm Pitch)
APPLICATIONS
•
Mobile handsets
•
PDAs
•
Video Consoles
•
Portable Computers
Figure 1. Board Layout with TPD3F303 at the SIM
Card Interface
DESCRIPTION/ORDERING INFORMATION
The TPD3F303 is a 3-ch integrated EMI filter for SIM interface. This device integrates a VCC clamp to provide
system level ESD protection at the VCC line. Termination resistor value of 47 Ω is included on the CLK line, while
a 100
Ω termination is employed at the DATA and RST line.
The low-pass filter arrays reduce EMI emissions and provide system level ESD protection. Because of its small
package and easy-to-use pin assignments, the TPD3F303 filter is suitable for a wide array of applications such
as mobile handsets, PDAs, video consoles, notebook computers, etc.
The TPD3F303 is designed to suppress EMI/RFI noise in systems subjected to electromagnetic interferences.
These filter series include an ESD protection circuitry which prevents damage to the application when subjected
to ESD stress far exceeding IEC 61000-4-2 (Level 4). The TPD3F303 is specified for –40°C to 85°C operation.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
8 – DPV
Tape and reel
TPD3F303DPVR
6SS
–40°C to 85°C
8 – DQD
Tape and reel
TPD3F303DQDR
6SS
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD3F303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
778Kb / 15P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001 Datasheet
787Kb / 18P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLR TI-TPD3E001DRLR Datasheet
362Kb / 11P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLR TI-TPD3E001DRLR Datasheet
778Kb / 15P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Similar Description - TPD3F303

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
logo
STMicroelectronics
EMIF03-SIM05F3 STMICROELECTRONICS-EMIF03-SIM05F3 Datasheet
365Kb / 9P
EMI filter with SWP protection for SIM interface
12-Nov-2012
logo
NXP Semiconductors
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
logo
Diodes Incorporated
PI4ULS3V4103 DIODES-PI4ULS3V4103 Datasheet
590Kb / 2P
SIM Card Interface Level Translator with EMI Filter and ESD Protection for Mobile Applications
logo
NXP Semiconductors
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com