Electronic Components Datasheet Search
  English  ▼

X  

2SC4548 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC4548
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4548 Datasheet(HTML) 1 Page - Weitron Technology

  2SC4548 Datasheet HTML 1Page - Weitron Technology 2SC4548 Datasheet HTML 2Page - Weitron Technology 2SC4548 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS(TA=25ºC Unless Otherwise Noted)
2SC4548
NPN EPITAXIAL PLANAR TRANSISTOR
Symbol
Value
Unit
Rating
Tstg
Tj
PD
VEBO
VCEO
VCBO
Storage Temperature
Junction Temperature
Total Device Disspation TA=25°C
Collector Current (DC)
Emitter to Base Voltage
Collector to Emitter Voltage
Collector to Base Voltage
˚C
˚C
mW
V
V
mA
-55 to +150
+150
500
200
IC
5
V
400
400
WEITRON
http://www.weitron.com.tw
1/3
03-Jun-10
Lead(Pb)-Free
P b
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89


Similar Part No. - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4548 SANYO-2SC4548 Datasheet
102Kb / 3P
High-Voltage Driver Applications
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
HIGH VOLTAGE DRIVER APPLICATION
logo
Guangdong Kexin Industr...
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
High-Voltage Driver Applications
logo
Shenzhen Jin Yu Semicon...
2SC4548 HTSEMI-2SC4548 Datasheet
340Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC4548

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com