Electronic Components Datasheet Search
  English  ▼

X  

2SC4548 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC4548
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4548 Datasheet(HTML) 2 Page - Weitron Technology

  2SC4548 Datasheet HTML 1Page - Weitron Technology 2SC4548 Datasheet HTML 2Page - Weitron Technology 2SC4548 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CLASSIFICATION OF hFE
Range
Marking
Rank
60-120
100-200
CN
D
E
2SC4548
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
BVCEO
BVCBO
400
400
-
-
Typ
-
-
V
V
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
BVEBO
ICBO
IEBO
5.0
-
-
V
0.1
-
-
µA
0.1
-
-
µA
µS
µS
Emitter-Base Breakdown Voltage
Collector Cut-O Current
Emitter-Cut-O Current
ON CHARACTERISTICS
DC Current Gain
Collector-Emitter Saturation Voltage
IC=50mA, IB=5mA
IC=50mA, IB=5mA
hFE
60
-
200
-
VCE(sat)
-
-
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
-
-
1.0
V
Transition Frequency
Output Capacitance
Turn-ON Time
Turn-OFF Time
-
70
-
MHz
DYNAMIC CHARACTERISTICS
fT
-
4.0
0.25
5.0
-
-
-
-
-
pF
Cob
ton
to
VCE=30V, IC=10mA
VCB=30V, IE=0, f=1MHz
VCC=150V, IC=50mA, IB1=-IB2=5mA
VCC=150V, IC=50mA, IB1=-IB2=5mA
IC=10µA, IE=0
IC=1mA, IB=0
IE=10µA, IC=0
VCB=300V, IE=0
VCE=10V, IC=50mA
VEB=4V, IC=0
WEITRON
http://www.weitron.com.tw
2/3
03-Jun-10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com