Electronic Components Datasheet Search
  English  ▼

X  

2SC5344 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC5344
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC5344 Datasheet(HTML) 1 Page - Weitron Technology

  2SC5344 Datasheet HTML 1Page - Weitron Technology 2SC5344 Datasheet HTML 2Page - Weitron Technology 2SC5344 Datasheet HTML 3Page - Weitron Technology 2SC5344 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.weitron.com.tw
WEITRON
SOT-23
1
2
3
2SC5344
NPN General Purpose Transistors
Symbol
VCEO
VCBO
VEBO
Value
Unit
V
V
V
Rating
30
35
5.0
mW
Tj
200
Tstg
-55 to +150
+150
°C
°C
800
IC
PD
Collector Current - Continuous
mA
Emitter-Base Voltage
Collector-Emitter Voltage
Collector-Base Voltage
MAXIMUM RATINGS(Ta=25°C)
Storage Temperature
Junction Temperature
Total Device Dissipation
TA=25°C
1/4
08-Dec-08
Lead(Pb)-Free
P b


Similar Part No. - 2SC5344

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5344 AUK-2SC5344 Datasheet
215Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
Galaxy Semi-Conductor H...
2SC5344 BILIN-2SC5344 Datasheet
160Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Rectron Semiconductor
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
KODENSHI_AUK CORP.
2SC5344 KODENSHI-2SC5344 Datasheet
224Kb / 4P
Audio power amplifier application
logo
SeCoS Halbleitertechnol...
2SC5344 SECOS-2SC5344 Datasheet
298Kb / 2P
0.8A , 35V NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC5344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com