Electronic Components Datasheet Search
  English  ▼

X  

2SC5344 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC5344
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC5344 Datasheet(HTML) 2 Page - Weitron Technology

  2SC5344 Datasheet HTML 1Page - Weitron Technology 2SC5344 Datasheet HTML 2Page - Weitron Technology 2SC5344 Datasheet HTML 3Page - Weitron Technology 2SC5344 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
120
-
-
V
2SC5344
0.5
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Typ
Unit
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
5.0
-
-
-
-
-
0.1
V
V
V
µA
µA
30
35
0.1
-
-
-
-
-
ELECTRICAL CHARACTERISTICS
SMALL-SIGNAL CHARACTERISTICS
Transition Frequence
VCE = 5V, IC =10mA, f = 100MHz
MHz
fT
-
13
-
Collector Output Capacitance
VCB =10V, IE= 0, f = 1MHz
pF
Cob
-
Collector-Emitter Saturation Voltage
IC = 500mA, IB = 50mA
VCE(sat)
-
-
100
320
DC Current Transfer Ration
VCE = 1V, IC = 100mA
hFE
ON CHARACTERISTICS
Emitter Cuto Current
VEB = 5V, IC = 0
Collector Cuto Current
VCB = 35V, IE = 0
Emitter-Base Breakdown Voltage
IE= 0.01mA, IC =0
Collector-Emitter Breakdown Voltage
IC = 0.1mA, IB = 0
Collector-Base Breakdown Voltage
IC = 10mA, IE = 0
2/4
08-Dec-08
Classification of hFE
Rank
O
FAO
Y
Range
Marking
FAY
160-320
100-200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com