Electronic Components Datasheet Search
  English  ▼

X  

LC7455 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC7455
Description  Closed Caption Signal Extraction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7455 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC7455 Datasheet HTML 1Page - Sanyo Semicon Device LC7455 Datasheet HTML 2Page - Sanyo Semicon Device LC7455 Datasheet HTML 3Page - Sanyo Semicon Device LC7455 Datasheet HTML 4Page - Sanyo Semicon Device LC7455 Datasheet HTML 5Page - Sanyo Semicon Device LC7455 Datasheet HTML 6Page - Sanyo Semicon Device LC7455 Datasheet HTML 7Page - Sanyo Semicon Device LC7455 Datasheet HTML 8Page - Sanyo Semicon Device LC7455 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ordering number : EN5680
D3097HA(OT) No. 5680-1/13
Overview
The LC7455A/M extracts the closed caption signal
superimposed on a video signal during the vertical return
period and, under the control of a clock signal provided by
the decoder IC, transfers that signal to the IC (usually a
microcontroller) that decodes the closed caption data. The
LC7455A/M supports four operating modes. Modes 1 and
2 can be used for XDS. In these modes, the LC7455A/M,
in combination with the decoder IC (microcontroller),
extracts the caption signal superimposed on field 2 and
uses it for NTSC VCR functions such as the automatic
time and date setting function. In modes 3 and 4, the
LC7455A/M, in combination with the decoder IC
(microcontroller),
extracts
the
caption
signal
superimposed on fields 1 and 2 and uses it for NTSC TV
applications (mode 3) or PAL TV applications (mode 4).
Functions
• Low power dissipation achieved by fabrication in a
CMOS process.
• Stable caption signal extraction achieved by a built-in
peak hold circuit and the use of digital technology.
• Operating supply voltage: 5 V ±10%
• Package
LC7455A: 16-pin DIP
LC7455M: 18-pin MFP
Package Dimensions
unit: mm
3006B-DIP16
unit: mm
3095-MFP18
SANYO: DIP16
[LC7455A]
SANYO: MFP18
[LC7455M]
LC7455A, 7455M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Closed Caption Signal Extraction IC
CMOS IC


Similar Part No. - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
CMOS Data Slicer
LC7454M SANYO-LC7454M Datasheet
704Kb / 16P
CMOS Data Slicer
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
Closed-Caption Decoder LSI
More results

Similar Description - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7945N SANYO-LA7945N Datasheet
185Kb / 9P
Closed Caption Signal (US specifications) Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
Closed-Caption Decoder LSI
logo
Zilog, Inc.
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
LINE 21 CLOSED CAPTION CONTROLLER (L21C)
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
Data/Clock Extraction IC
logo
Sanyo Semicon Device
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
U.S. Closed Caption Signal Extraction IC
logo
Zilog, Inc.
Z86128 ZILOG-Z86128 Datasheet
1,010Kb / 27P
L21C-TM LINE 21 CLOSED-CAPTION CONTROLLER
logo
Motorola, Inc
MC144144 MOTOROLA-MC144144 Datasheet
567Kb / 44P
Enhanced Closed-Caption Decoder CMOS
logo
Zilog, Inc.
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
LINE 21 CLOSED CAPTION CONTROLLER(L21C)
logo
NXP Semiconductors
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com