Electronic Components Datasheet Search
  English  ▼

X  

LC7455 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7455
Description  Closed Caption Signal Extraction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7455 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7455 Datasheet HTML 1Page - Sanyo Semicon Device LC7455 Datasheet HTML 2Page - Sanyo Semicon Device LC7455 Datasheet HTML 3Page - Sanyo Semicon Device LC7455 Datasheet HTML 4Page - Sanyo Semicon Device LC7455 Datasheet HTML 5Page - Sanyo Semicon Device LC7455 Datasheet HTML 6Page - Sanyo Semicon Device LC7455 Datasheet HTML 7Page - Sanyo Semicon Device LC7455 Datasheet HTML 8Page - Sanyo Semicon Device LC7455 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
No. 5680-5/13
LC7455A, 7455M
Table 1 Ceramic Oscillator Guaranteed Constants
Figure 1 Ceramic Oscillator
Figure 2 Oscillator Stabilization Time
Figure 3 Serial Output Test Conditions
Note: Capacitors with K tolerance (±10%) and SL characteristics must be used for C1 and C2.
· Since this circuit is influenced by the length of the circuit pattern, components related to oscillator functioning must be mounted as close together as
possible so that pattern lines do not become longer than is absolutely necessary.
· The characteristics are not guaranteed if an oscillator element other than the one listed above is used.
Oscillator type
Manufacturer
Oscillator element
C1
C2
508-kHz ceramic oscillator
Murata Mfg. Co., Ltd.
CSB 508E
150 pF
150 pF
Power supply
Operating VDD lower limit
<AC timing measurement point>
<Timing>
<Test load>
Note: CPDT goes to the high-impedance state while CE is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com