Electronic Components Datasheet Search
  English  ▼

X  

SX8725 Datasheet(PDF) 39 Page - Semtech Corporation

Part # SX8725
Description  ZoomingADC??for Pressure and Temperature Sensing
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8725 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button SX8725 Datasheet HTML 35Page - Semtech Corporation SX8725 Datasheet HTML 36Page - Semtech Corporation SX8725 Datasheet HTML 37Page - Semtech Corporation SX8725 Datasheet HTML 38Page - Semtech Corporation SX8725 Datasheet HTML 39Page - Semtech Corporation SX8725 Datasheet HTML 40Page - Semtech Corporation SX8725 Datasheet HTML 41Page - Semtech Corporation SX8725 Datasheet HTML 42Page - Semtech Corporation SX8725 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
ADVANCED COMMUNICATIONS & SENSING
V1.8 © 2009 Semtech Corp.
www.semtech.com
39
SX8725
ZoomingADC™ for Pressure and Temperature Sensing
Power Reduction
The ZoomingADC is particularly well suited for low-power applications. When very low power consumption is
of primary concern, such as in battery operated systems, several parameters can be used to reduce power
consumption as follows:
1.
Operate the acquisition chain with a reduced supply voltage VDD.
2.
Disable the PGAs which are not used during analog-to-digital conversion with ENABLE[3:0].
3.
Disable all PGAs and the ADC when the system is idle and no conversion is performed.
4.
Use lower bias currents in the PGAs and the ADC using the control words IB_AMP_PGA[1:0] and
IB_AMP_ADC[1:0].
5.
Reduce sampling frequency.
Finally, remember that power reduction is typically traded off with reduced linearity, larger noise and slower
maximum sampling speed.
Recommended Design for Other 2-WIRE Devices Connection
SX8725 does not support multiple devices on the same 2-WIRE bus. A separate 2-WIRE bus should be used to
address other devices as seen on the following schematic.
SX8725
AC2
AC3
D0 D1
VBATT
VPUMP
VSS
READY
SCL
SDA
uC
SCL1
SDA1
I2C 1
I2C 2
EEPROM
(or other
devices)
A0
A1
A2
GND
VCC
VCC
GND
Figure 22 - Recommended connections with other devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com