Electronic Components Datasheet Search
  English  ▼

X  

FFM301 Datasheet(PDF) 1 Page - Weitron Technology

Part # FFM301
Description  Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FFM301 Datasheet(HTML) 1 Page - Weitron Technology

  FFM301 Datasheet HTML 1Page - Weitron Technology FFM301 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* Plastic package has Underwriters Laboratory
* Flammability Classication 94V-O Utilizing Flame
* Retardant Epoxy Molding Compound.
* For surface mounted applications.
* Exceeds environmental standards of MIL-S-19500 / 228
* Low leakage current.
http://www.weitron.com.tw
FFM301 thru FFM307
Surface Mount Fast Recovery Rectifiers
Features:
WEITRON
Mechanical Data:
* Case : Molded plastic, JEDEC DO-214AB
* Terminals : Solder plated, solderable per MIL-STD-750, Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.195 gram
SMC-1
SMC-1 Outline Dimension
unit:mm
A
C
B
D
E
H
F
J
H
6.60
3.60
5.80
7.20
3.80
6.20
4.20
4.80
1.90
2.50
0.30(TYP)
0.80(TYP)
1.00(TYP)
-
-
-
D
E
F
H
J
A
B
C
SMC-1
Dim
Min
Max
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
3.0 AMPERE
Lead(Pb)-Free
P b
1/2
28-May-07


Similar Part No. - FFM301

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM301 RECTRON-FFM301 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FFM301 FORMOSA-FFM301 Datasheet
69Kb / 2P
Fast recovery type
logo
WILLAS ELECTRONIC CORP
FFM301 WILLAS-FFM301 Datasheet
1,014Kb / 2P
3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
logo
List of Unclassifed Man...
FFM301 ETC2-FFM301 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM301 WINNERJOIN-FFM301 Datasheet
90Kb / 2P
Fast recovery type
More results

Similar Description - FFM301

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com