Electronic Components Datasheet Search
  English  ▼

X  

FFM301 Datasheet(PDF) 2 Page - Weitron Technology

Part # FFM301
Description  Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FFM301 Datasheet(HTML) 2 Page - Weitron Technology

  FFM301 Datasheet HTML 1Page - Weitron Technology FFM301 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAXIMUM RATINGS (TA=25ºC unless otherwise noted)
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @T =55°C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 3.0A DC
Maximum DC Reverse Current @T =25°C
At Rated DC Blocking Voltage @T =100°C
Maximum Reverse Recovery Time
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
A
°C
°C
V
V
VDC
I
I
V
I
C
JA
T
T
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
-55 to+150
-55 to+150
pF
10
300
60(Typ)
50(Typ)
http://www.weitron.com.tw
WEITRON
J
J
FFM301 THRU FFM307
R
T
800
560
800
1000
700
1000
3.0
100
1.3
150
250
500
FFM
301
FFM
302
FFM
303
FFM
304
FFM
305
FFM
306
FFM
307
A
A
A
Device Marking
FFM302
FFM303
FFM304
FFM301
FFM305
FFM306
FFM307
F31
F32
F33
F35
F36
F37
F34
rr
R
F(AV)
FSM
RRM
RMS
F
STG
S
°C/W
Marking
Item
Marking
Item
2/2
28-May-07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com