Electronic Components Datasheet Search
  English  ▼

X  

APTS030A0X Datasheet(PDF) 21 Page - Lineage Power Corporation

Part # APTS030A0X
Description  12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS030A0X Datasheet(HTML) 21 Page - Lineage Power Corporation

Back Button APTS030A0X Datasheet HTML 15Page - Lineage Power Corporation APTS030A0X Datasheet HTML 16Page - Lineage Power Corporation APTS030A0X Datasheet HTML 17Page - Lineage Power Corporation APTS030A0X Datasheet HTML 18Page - Lineage Power Corporation APTS030A0X Datasheet HTML 19Page - Lineage Power Corporation APTS030A0X Datasheet HTML 20Page - Lineage Power Corporation APTS030A0X Datasheet HTML 21Page - Lineage Power Corporation APTS030A0X Datasheet HTML 22Page - Lineage Power Corporation APTS030A0X Datasheet HTML 23Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
November 11, 2010
12V Mega TLynxTM: Non-Isolated DC-DC Power Modules:
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 30A output current
LINEAGE POWER
21
Surface Mount Information
Pick and Place
The 12V Mega TLynx
TM SMT modules use an open
frame construction and are designed for a fully
automated assembly process. The modules are fitted
with a label designed to provide a large surface area
for pick and place operations. The label meets all the
requirements for surface mount processing, as well as
safety standards, and is able to withstand reflow
temperatures of up to 300
oC. The label also carries
product information such as product code, serial
number and location of manufacture.
Figure 37. Pick and Place Location.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, these
modules have a relatively large mass when compared
to conventional SMT components. Variables such as
nozzle size, tip style, vacuum pressure and pick &
placement speed should be considered to optimize
this process. The minimum recommended inside
nozzle diameter for reliable operation is 3mm. The
maximum nozzle outer diameter, which will safely fit
within the allowable component spacing, is 5 mm
max.
Tin Lead Soldering
The 12V Mega TLynx
TM SMT power modules are lead
free modules and can be soldered either in a lead-
free solder process or in a conventional Tin/Lead
(Sn/Pb) process. It is recommended that the
customer review data sheets in order to customize the
solder reflow profile for each application board
assembly. The following instructions must be
observed when soldering these units. Failure to
observe these instructions may result in the failure of
or cause damage to the modules, and can adversely
affect long-term reliability.
In a conventional Tin/Lead (Sn/Pb) solder process
peak reflow temperatures are limited to less than
235
oC. Typically, the eutectic solder melts at 183oC,
wets the land, and subsequently wicks the device
connection. Sufficient time must be allowed to fuse
the plating on the connection to ensure a reliable
solder joint. There are several types of SMT reflow
technologies currently used in the industry. These
surface mount power modules can be reliably
soldered using natural forced convection, IR (radiant
infrared), or a combination of convection/IR. For
reliable soldering the solder reflow profile should be
established by accurately measuring the modules CP
connector temperatures.
0
50
100
150
200
250
300
Preheat zo ne
max 4oCs-1
So ak zo ne
30-240s
Heat zo ne
max 4oCs-1
Peak Temp 235oC
Coo ling
zone
1-4oCs-1
T
lim above
205oC
REFLOW TIME (S)
Figure 38. Reflow Profile for Tin/Lead (Sn/Pb)
process.
200
205
210
215
220
225
230
235
240
0
1020
30
4050
60
Figure 39. Time Limit Curve Above 205
oC Reflow
for Tin Lead (Sn/Pb) process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com