Electronic Components Datasheet Search
  English  ▼

X  

APTS030A0X Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # APTS030A0X
Description  12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS030A0X Datasheet(HTML) 3 Page - Lineage Power Corporation

  APTS030A0X Datasheet HTML 1Page - Lineage Power Corporation APTS030A0X Datasheet HTML 2Page - Lineage Power Corporation APTS030A0X Datasheet HTML 3Page - Lineage Power Corporation APTS030A0X Datasheet HTML 4Page - Lineage Power Corporation APTS030A0X Datasheet HTML 5Page - Lineage Power Corporation APTS030A0X Datasheet HTML 6Page - Lineage Power Corporation APTS030A0X Datasheet HTML 7Page - Lineage Power Corporation APTS030A0X Datasheet HTML 8Page - Lineage Power Corporation APTS030A0X Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
November 11, 2010
12V Mega TLynxTM: Non-Isolated DC-DC Power Modules:
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 30A output current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
All
VO, set
-1.5
⎯
+1.5
% VO, set
(VIN=VIN,nom, IO=IO, nom, Tref=25°C)
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
All
VO, set
–3.0
⎯
+3.0
% VO, set
Adjustment Range
Selected by an external resistor
All
0.8
3.63
Vdc
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
⎯
⎯
10
mV
Load (IO=IO, min to IO, max)
All
⎯
⎯
10
mV
Temperature (Tref=TA, min to TA, max)
All
⎯
0.5
1
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max
COUT = 0.1μF // 47 μF ceramic capacitors)
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
⎯
50
mVpk-pk
External Capacitance
1
Without the Tunable Loop
TM
ESR ≥ 1 mΩ
All
CO, max
0
⎯
200
μF
With the Tunable Loop
TM
ESR ≥ 0.15 mΩ
All
CO, max
0
⎯
1000
μF
ESR ≥ 10 mΩ
All
CO, max
0
⎯
10000
μF
Output Current
(VIN = 6 to 14Vdc)
All
Io
0
30
Adc
Output Current Limit Inception (Hiccup Mode)
All
IO, lim
140
% Iomax
Output Short-Circuit Current
All
IO, s/c
⎯
3.5
⎯
Adc
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO,set = 0.8dc
η
83.0
%
VIN=12Vdc, TA=25°C
VO,set = 1.2Vdc
η
87.1
%
IO=IO, max , VO= VO,set
VO,set = 1.8Vdc
η
90.1
%
VO,set = 2.5Vdc
η
91.8
%
VO,set = 3.3Vdc
η
92.9
%
Switching Frequency, Fixed
All
fsw
⎯
300
⎯
kHz
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (VIN=12V, VO=2.5Vdc, IO= 0.8IO, max,
TA=40°C, 200LFM) Per Telcordia Issue 2 Method 1 Case 3
4,443,300
Hours
Weight
⎯
7.04 (0.248)
⎯
g (oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com