Electronic Components Datasheet Search
  English  ▼

X  

RS3G Datasheet(PDF) 1 Page - Weitron Technology

Part # RS3G
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

RS3G Datasheet(HTML) 1 Page - Weitron Technology

  RS3G Datasheet HTML 1Page - Weitron Technology RS3G Datasheet HTML 2Page - Weitron Technology RS3G Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Surface mount device
* High surge current capability
* Low reverse current
* Component in accordance to RoHS 2002/95/EC
* Terminals: Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
* Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
* Weight: 0.231 grams (approximate)
* Polarity: Cathode Band
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
3.0 AMPERE
http://www.weitron.com.tw
RS3A thru RS3M
Surface Mount Fast Recovery Rectifiers
Features:
WEITRON
Mechanical Data:
SMC(DO-214AB)
Unit:mm
SMC Outline Dimension
SMC
5 .5 9
6 .2 2
6 .6 0
7 .1 1
2 .7 5
3 .1 8
0 .1 5
0 .3 1
7 .7 5
8 .1 3
0 .1 0
0 .2 0
0 .7 6
1 .5 2
2 .0 0
2 .6 2
Dim
Min
Max
A
B
C
D
E
G
H
J
Lead(Pb)-Free
P b
10-Feb-2011
1/3


Similar Part No. - RS3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3G SSE-RS3G Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3G DIODES-RS3G Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3G FUJI-RS3G Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3G GE-RS3G Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
RS3G TSC-RS3G Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Similar Description - RS3G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com