Electronic Components Datasheet Search
  English  ▼

X  

RS3G Datasheet(PDF) 2 Page - Weitron Technology

Part # RS3G
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

RS3G Datasheet(HTML) 2 Page - Weitron Technology

  RS3G Datasheet HTML 1Page - Weitron Technology RS3G Datasheet HTML 2Page - Weitron Technology RS3G Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load
Maximum Instantaneous At 3.0A DC
Maximum DC Reverse Current @Tj=25 C
At Rated DC Blocking Voltage @Tj=100 C
Maximun Reverse Recocery Time(Note1)
Typical Junction Capacitance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
uA
C
C
(TA=25°C unless otherwise noted)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
T
TSTG
50
35
50
100
70
100
RS3A RS3B
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
-55 to+150
-55 to+150
F
2. Measured t 1.0MHZ and applied reverse voltage of 4.0V DC
3.0
80.0
1.30
10
100
50
http://www.weitron.com.tw
WEITRON
J
J
RS3A thru RS3M
RS3D RS3G
RS3J
RS3K RS3M
P
Trr
500
250
150
nS
NOTES:1. Measured with IF=0.5A,IR=1A,IRR=0.25A
10-Feb-2011
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com