Electronic Components Datasheet Search
  English  ▼

X  

2SC5460 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5460
Description  Dynamic Focus Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5460 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5460 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5460
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5460
Dynamic Focus Applications
High-Voltage Switching Applications
High-Voltage Amplifier Applications
• High breakdown voltage: VCEO = 800 V
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
800
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
50
mA
Base current
IB
25
mA
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 640 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
10
µA
DC current gain
hFE
VCE = 5 V, IC = 7 mA
15
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 20 mA, IB = 4 mA
―
―
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 20 mA, IB = 4 mA
―
―
1.5
V
Transition frequency
fT
VCE = 10 V, IC = 3 mA
―
5.5
―
MHz
Collector output capacitance
Cob
VCB = 100 V, f = 1 MHz
―
2.2
―
pF
Note: When an external heat sink is used for the device, insulate using, for example, silicone rubber.
When an external heat sink is not used, Toshiba recommends that the plastic part be at least 2 mm away from
its surroundings.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC5460

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5460 TOSHIBA-2SC5460 Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING, AMPLIFIER APPLICATIONS)
2SC5460 TOSHIBA-2SC5460 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5460

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52723ASP MITSUBISHI-M52723ASP Datasheet
101Kb / 17P
DYNAMIC FOCUS
logo
Toshiba Semiconductor
2SC5460 TOSHIBA-2SC5460 Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING, AMPLIFIER APPLICATIONS)
2SC5466 TOSHIBA-2SC5466 Datasheet
156Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING,AMPLIFIER APPLICATIONS)
2SC5563 TOSHIBA-2SC5563 Datasheet
81Kb / 1P
NPN TRIPLE KIFFUSED TYPE (DYNAMIC FOCUS APPLICATIONS)
logo
Fairchild Semiconductor
KSC5042 FAIRCHILD-KSC5042 Datasheet
46Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042F FAIRCHILD-KSC5042F Datasheet
56Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042M FAIRCHILD-KSC5042M Datasheet
49Kb / 4P
High Voltage Switchihg Dynamic Focus Application
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
Dynamic Focus
logo
Toshiba Semiconductor
2SC5466 TOSHIBA-2SC5466_04 Datasheet
129Kb / 4P
Dynamic Focus Applications
2SC5563 TOSHIBA-2SC5563_04 Datasheet
89Kb / 2P
Dynamic Focus Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com