Electronic Components Datasheet Search
  English  ▼

X  

2SC5460 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5460
Description  Dynamic Focus Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5460 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5460 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5460 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5460
2004-07-26
3
Collector-emitter voltage VCE (V)
IC – VCE
Cob – VCB
Collector-base voltage VCB (V)
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
VCE (sat) – IC
hFE – IC
Collector current IC (mA)
Collector current IC (mA)
VBE (sat) – IC
1
3
10
30
1
5
3
Tc = 25°C
IE = 0
f = 1MHz
10
30
100
Tc = 100°C
−55
25
Common emitter
VCE = 5 V
0.01
0.1
1000
1000
1
100
10
1
10
0.03
0.1
1
100
1
Common emitter
IC/IB = 5
10
Tc = 100°C
−55
25
10
0.1
0.3
3
0.03
0.1
1
100
1
Common emitter
IC/IB = 5
10
Tc = 100°C
−55
25
10
0.1
0.3
3
0
0
Common emitter
Tc = 25°C
100
60
0.6
0.8
1.2
1
0.4
0.2
20
40
80
−55
Tc = 100°C
25
0.3
3
30
0.3
3
30
0
0
Common emitter
Tc = 25°C
100
60
12
16
24
20
10
6
4
9
7
IB = 0.5 mA
1
8
8
4
20
40
80
5
3
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com