Electronic Components Datasheet Search
  English  ▼

X  

2SD1631 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SD1631
Description  Micro Motor Drive, Hammer Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1631 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SD1631 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD1631
2010-03-10
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD1631
Micro Motor Drive, Hammer Drive Applications
Switching Applications
Power Amplifier Applications
• High DC current gain: hFE = 4000 (min) (VCE = 2 V, IC = 150 mA)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 1 A, IB = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
10
V
Continuous collector current
IC
1.5
A
Continuous base current
IB
50
mA
Collector power dissipation
PC
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Equivalent Circuit
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight: 0.2 g (typ.)
BASE
EMITTER
COLLECTOR


Similar Part No. - 2SD1631

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1631 TOSHIBA-2SD1631 Datasheet
190Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SD1631

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140_09 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
2SD1509 TOSHIBA-2SD1509_09 Datasheet
162Kb / 5P
Micro-Motor Drive, Hammer Drive Applications
2SD1658 TOSHIBA-2SD1658_09 Datasheet
162Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD1784 TOSHIBA-2SD1784_10 Datasheet
183Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2206 TOSHIBA-2SD2206_09 Datasheet
141Kb / 4P
Micro Motor Drive, Hammer Drive Applications
2SD2480 TOSHIBA-2SD2480_06 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2695 TOSHIBA-2SD2695_09 Datasheet
153Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2206A TOSHIBA-2SD2206A Datasheet
141Kb / 4P
Micro Motor Drive, Hammer Drive Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com