Electronic Components Datasheet Search
  English  ▼

X  

2SD1631 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD1631
Description  Micro Motor Drive, Hammer Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1631 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD1631 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1631 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1631
2010-03-10
3
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (A)
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
0
0
0.2
1.0
0.4
0.8
1.6
2.4
Common emitter
VCE = 2 V
Ta = 100°C
25
−50
1.2
2.0
0.4
0.6
0.8
IB = 10 μA
20
Common emitter
Ta = 25°C
30
40
50
0
60
0
0
100
600
4
7
300
200
400
500
1
2
3
5
6
0
0
100
600
4
7
300
200
400
500
1
2
3
5
6
IB = 5 μA
10
Common emitter
Ta = 100°C
15
20
25
0
30
35
0
0
100
600
4
7
300
200
400
500
1
2
3
5
6
IB = 20 μA
40
Common emitter
Ta = −50°C
60
80
100
0
120
140
160
1
500
1000
0.003
300
3000
5000
10000
30000
50000
0.01
0.03
0.1
0.3
2
Common emitter
VCE = 2 V
Ta = 100°C
25
−50
0.1
0.003
10
Ta = −50°C
100
25
Common emitter
IC/IB = 1000
1
0.3
1
0.01
0.03
0.1
0.3
0.5
3
5
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com