Electronic Components Datasheet Search
  English  ▼

X  

MW6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MW6
Description  Microwave Switching, Hermetically Sealed, DPDT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MW6 Datasheet(HTML) 1 Page - Tyco Electronics

  MW6 Datasheet HTML 1Page - Tyco Electronics MW6 Datasheet HTML 2Page - Tyco Electronics MW6 Datasheet HTML 3Page - Tyco Electronics MW6 Datasheet HTML 4Page - Tyco Electronics MW6 Datasheet HTML 5Page - Tyco Electronics MW6 Datasheet HTML 6Page - Tyco Electronics MW6 Datasheet HTML 7Page - Tyco Electronics MW6 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Catalog 1654542
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 12-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
© 2003 by Tyco Electronics Corporation. All Rights Reserved.
CII and TYCO are trademarks.
MW3 / MW4 / MW6 / MW3HP / MW4HP / MW6HP Series Relays
Microwave Switching, Hermetically Sealed, DPDT
Product Facts
I Excellent signal isolation,
stable insertion loss and
low VSWR.
I Provide repeatable RF
performance at frequencies
up to the 3 GHz. level
(MW3/MW3HP),
4 GHz. level (MW4/MW4HP)
& 6 GHz. level
(MW6/MW6HP).
I Standard versions for
applications ranging from
wireless communications to
precision high-speed test
equipment.
I High performance (HP)
versions for use under more
demanding environmental
conditions.
I Standard or sensitive (S)
coils are offered in a range
of DC input voltages.
I 2 Form C (DPDT) contacts
rated low-level to 1 amp.
I Extended mechanical life
expectancy of 10 million
opertions.
I Robust, hermetically sealed
enclosure.
These CII relays provide
microwave frequency
switching in a hermetically
sealed, subminiature
package.
Both standard and high
performance models are
offered in 3 GHz., 4 GHz.
and 6 GHz. types.
Standard models (MW3,
MW4 and MW6) perform in
temperature ranges from
-55°C to +85°C and
withstand 10G vibration and
30G shock.
High performance models
(MW3HP, MW4HP and
MW6HP) offer extended
temperature ratings of
-65°C to +125°C while
providing 30G’s vibration
and 100G’s shock (75G’s
for MW3) environmental
ratings.
All are available with either
standard or sensitive DC
coils. Nominal coil power is
367-500mW (model
dependent) for standard
coils and 169-250mW for
sensitive coils.
Signal isolation is 18dB at 6
GHz. (MW6/MW6HP), 18dB
at 4 GHz. (MW4/MW4HP),
and 22dB at 3 GHz.
(MW3/MW3HP).
Insertion loss is 0.38dB for
MW6/MW6HP, 0.27dB for
MW4/MW4HP, and 0.36dB
for MW3/MW3HP.
VSWR is a low 1.30:1 @
6GHz. for MW6/MW6HP,
1.36:1 @ 4GHz. for
MW4/MW4HP, and 1.24:1
@ 3GHz. for MW3/MW3HP.


Similar Part No. - MW6

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
MW609E MIMIX-MW609E Datasheet
171Kb / 1P
SSPA Replacement Kits
MW609E-1 MIMIX-MW609E-1 Datasheet
171Kb / 1P
SSPA Replacement Kits
logo
Mercury United Electron...
MW62 MERCURY-MW62 Datasheet
98Kb / 1P
Wide frequency range : [ 200.01 MHz ~ 800.0 MHz ]
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
logo
Brady Worldwide, Inc.
MW620A BRADY-MW620A Datasheet
332Kb / 4P
Miniature Circuit Breaker Lockout - Pin Out Standard
10/03/2017
More results

Similar Description - MW6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SS133M TSC-1SS133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
SCS133MT SECOS-SCS133MT Datasheet
267Kb / 2P
Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT Datasheet
203Kb / 2P
Hermetically Sealed Glass Switching Diode
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
SCS133MT SECOS-SCS133MT_15 Datasheet
267Kb / 2P
Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
Hermetically Sealed Glass Switching Diode
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Semtech Corporation
1N6638 SEMTECH-1N6638 Datasheet
136Kb / 4P
Axial Leaded Hermetically Sealed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com